データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20143MHE データシート(PDF) 4 Page - Texas Instruments

部品番号 LM20143MHE
部品情報  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143MHE データシート(HTML) 4 Page - Texas Instruments

  LM20143MHE Datasheet HTML 1Page - Texas Instruments LM20143MHE Datasheet HTML 2Page - Texas Instruments LM20143MHE Datasheet HTML 3Page - Texas Instruments LM20143MHE Datasheet HTML 4Page - Texas Instruments LM20143MHE Datasheet HTML 5Page - Texas Instruments LM20143MHE Datasheet HTML 6Page - Texas Instruments LM20143MHE Datasheet HTML 7Page - Texas Instruments LM20143MHE Datasheet HTML 8Page - Texas Instruments LM20143MHE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM20143, LM20143-Q1
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
AVIN, PVIN, EN, PGOOD, SS/TRK, COMP, FB, RT
Voltages from indicated pins to GND
–0.3
6
V
Power Dissipation(2)
2.6
W
Junction Temperature
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junctions-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD_MAX = (TJ_MAX – TA) / θJA. The maximum power dissipations of 2.6 W is determined using TA = 25°C, θJA = 38°C/W, and
TJ_MAX = 125°C.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
PVIN, AVIN to GND
2.95
5.5
V
Junction Temperature
−40
125
°C
6.4 Thermal Information
LM20143
THERMAL METRIC(1)
PWP (HTSSOP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance (2)
39.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance (3)
20.3
°C/W
RθJB
Junction-to-board thermal resistance
9.9
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
9.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
12.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
On JEDEC 4-Layer test board (JESD 51-7) with eight (8) thermal vias.
(3)
θJC refers to center of the Exposed Pad on the bottom of the package as the case.
4
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: LM20143 LM20143-Q1


同様の部品番号 - LM20143MHE

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20143MHE NSC-LM20143MHE Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM20143MHE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
   Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com