データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20143MHX データシート(PDF) 11 Page - Texas Instruments

部品番号 LM20143MHX
部品情報  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143MHX データシート(HTML) 11 Page - Texas Instruments

Back Button LM20143MHX Datasheet HTML 7Page - Texas Instruments LM20143MHX Datasheet HTML 8Page - Texas Instruments LM20143MHX Datasheet HTML 9Page - Texas Instruments LM20143MHX Datasheet HTML 10Page - Texas Instruments LM20143MHX Datasheet HTML 11Page - Texas Instruments LM20143MHX Datasheet HTML 12Page - Texas Instruments LM20143MHX Datasheet HTML 13Page - Texas Instruments LM20143MHX Datasheet HTML 14Page - Texas Instruments LM20143MHX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
4.8A
+
-
COMP
CONTROL
LOGIC
CURRENT
LIMIT
OVERVOLTAGE
UNDERVOLTAGE
ERROR AMP
PWM COMPARATOR
SS/TRK
PGOOD
+
-
+2.7V
REGULATOR
PVIN
PVIN
THERMAL
PROTECTION
PGND
SW
AVIN
CURRENT SENSE
VCC
1.18V
UVLO
2.7V
AGND
OSCILLATOR
+
752 mV
864 mV
PG-L
PG-L
2.7V
5 PA
gm = 510 Pmho
800 mV
+
-
+
DISCHARGE
DISCHARGE
SLOPE COMP
DIODE
EMULATION
+
-
VREF
+
-
FB
EN
+
-
+
-
(50 Ps)
+
-
+
-
RT
PVIN
LM20143, LM20143-Q1
www.ti.com
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM20143 switching regulator features all of the functions necessary to implement an efficient low voltage
buck regulator using a minimum number of external components. This easy to use regulator features two
integrated switches and is capable of supplying up to 3 A of continuous output current. The regulator utilizes
peak current mode control with nonlinear slope compensation to optimize stability and transient response over
the entire output voltage range. Peak current mode control also provides inherent line feed-forward, cycle-by-
cycle current limiting and easy loop compensation. The switching frequency can be varied from 500 kHz to 1.5
MHz with an external resistor to ground. The device can operate at high switching frequency allowing use of a
small inductor while still achieving efficiencies as high as 96%. The precision internal voltage reference allows
the output to be set as low as 0.8 V. Fault protection features include: current limiting, thermal shutdown, over
voltage protection, and shutdown capability. The device is available in the HTSSOP 16-pin package featuring an
exposed pad to aid thermal dissipation. The LM20143 can be used in numerous applications to efficiently step-
down from a 5 V or 3.3 V bus. The typical application circuit for the LM20143 is shown in Figure 32 in the design
guide.
7.2 Functional Block Diagram
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20143 LM20143-Q1


同様の部品番号 - LM20143MHX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20143MHX NSC-LM20143MHX Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM20143MHX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
   Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com