データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX02068G-TQ32 データシート(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

部品番号 CX02068G-TQ32
部品情報  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068G-TQ32 データシート(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  CX02068G-TQ32 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. CX02068G-TQ32 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Product Specification
02068-DSH-001-C
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
1.3
DC Characteristics
VCC=+3.3V ± 10%, TA=-40 °C to +85 °C, unless otherwise noted.
Table 1-3.
DC Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Supply current
Excluding IBIAS and IMOD, but with IBIAS
and IMOD set to 50 mA
-42
47
mA
Bias current adjust range
Limited by IREF across temperature
range
4-
100
mA
Bias current with output disabled
Tx_Dis = HIGH
-
-
10
µA
Bias current limit adjustment region
TA = +85 °C
20
-
100
mA
Change in bias current limit over
temperature
100
-
130
µA/°C
Monitor diode reverse bias voltage
2
-
-
V
Monitor diode current adjustment range
10
-
1000
µA
TTL/CMOS input HIGH voltage (enable,
disable)
2.0
-
-
V
TTL/CMOS input LOW voltage (enable,
disable)
--
0.8
V
CMOS output HIGH voltage (FAIL, OCA)
2.4
-
-
V
CMOS output LOW voltage (FAIL, OCA)
-
-
0.4
V
Differential input impedance
Data and clock inputs
2.5
-
-
k
Common-mode input voltage
VCC-1.7
-
VCC - VIN (Diff)
4
V
Self-biased common mode input voltage
Data and clock inputs
VCC-1.7
-
VCC-0.47
V


同様の部品番号 - CX02068G-TQ32

メーカー部品番号データシート部品情報
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

同様の説明 - CX02068G-TQ32

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com