データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25066 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM25066
部品情報  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066 データシート(HTML) 10 Page - Texas Instruments

Back Button LM25066_16 Datasheet HTML 6Page - Texas Instruments LM25066_16 Datasheet HTML 7Page - Texas Instruments LM25066_16 Datasheet HTML 8Page - Texas Instruments LM25066_16 Datasheet HTML 9Page - Texas Instruments LM25066_16 Datasheet HTML 10Page - Texas Instruments LM25066_16 Datasheet HTML 11Page - Texas Instruments LM25066_16 Datasheet HTML 12Page - Texas Instruments LM25066_16 Datasheet HTML 13Page - Texas Instruments LM25066_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
-60 -40 -20 0
20 40 60 80 100 120 140
-18
-16
-14
-12
-10
-8
-6
-4
-2
TEMPERATURE (°C)
VIN = 17V
VIN = 2.9V
VIN = 12V
-60 -40 -20 0
20 40 60 80 100 120 140
6
8
10
12
14
16
18
20
TEMPERATURE (°C)
VIN = 17V
VIN = 9V
VIN = 5V
VIN = 12V
VIN = 2.9V
-40 -20
0
20
40
60
80 100 120
34
36
38
40
42
44
46
48
50
52
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0
20 40 60 80 100 120 140
4
8
12
16
20
24
28
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-60 -40 -20 0 20 40 60 80 100120140
30
34
38
42
46
50
54
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 2.9V
-40 -20
0
20 40 60 80 100 120 140
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TEMPERATURE (°C)
VIN = 17V
VIN = 12V
VIN = 3V
LM25066
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
www.ti.com
7.8 Typical Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 12 V. All graphs show junction temperature.
Figure 2. VIN Pin Current
Figure 3. SENSE Pin Current (Enabled)
Figure 4. SENSE Pin Current (Disabled)
Figure 5. OUT Pin Current (Enabled)
Figure 6. OUT Pin Current (Disabled)
Figure 7. GATE Pin Voltage
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM25066


同様の部品番号 - LM25066_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQE TI1-LM25066APSQE Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
More results

同様の説明 - LM25066_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com