データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25066 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25066
部品情報  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066 データシート(HTML) 7 Page - Texas Instruments

Back Button LM25066 Datasheet HTML 3Page - Texas Instruments LM25066 Datasheet HTML 4Page - Texas Instruments LM25066 Datasheet HTML 5Page - Texas Instruments LM25066 Datasheet HTML 6Page - Texas Instruments LM25066 Datasheet HTML 7Page - Texas Instruments LM25066 Datasheet HTML 8Page - Texas Instruments LM25066 Datasheet HTML 9Page - Texas Instruments LM25066 Datasheet HTML 10Page - Texas Instruments LM25066 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
LM25066
www.ti.com
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of –40°C
to 85°C unless otherwise stated. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12 V (see
(1) and (2)).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
CL = GND
22.5
25
27
VCL
Threshold voltage
CL = GND, TJ = 10°C to 85°C
23
25
27
mV
CL = VDD
42.3
46
49.7
Enabled, SENSE = OUT
33
ISENSE
SENSE input current
Disabled, OUT = 0 V
46
µA
Enabled, OUT = 0 V
45
CIRCUIT BREAKER
Threshold voltage × 1.8
VIN - SENSE, CL = GND, CB = GND
35
45
55
mV
VCB
CB:CL ratio
CB = GND
1.6
1.8
2
Threshold voltage × 3.6
VIN - SENSE, CL = GND, CB = VDD
70
90
110
mV
VCB
CB:CL ratio
CB = VDD
3.1
3.6
4
TIMER (TIMER PIN)
VTMRH
Upper threshold
1.54
1.7
1.85
V
Restart cycles
0.85
1.0
1.07
V
VTMRL
Lower threshold
End of 8th cycle
0.3
V
Re-enable threshold
0.3
V
Insertion time current
–3
–5.5
–8
µA
Sink current, end of insertion time
1.4
1.9
2.4
mA
ITIMER
Fault detection current
TIMER pin = 2 V
–120
–90
–60
µA
Fault sink current
2.8
µA
DCFAULT
Fault restart duty cycle
0.67%
INTERNAL REFERENCE
VREF
Reference voltage
2.703
2.73
2.757
V
ADC AND MUX
Resolution
12
Bits
INL
Integral non-linearity
ADC only
±1
LSB
TELEMETRY ACCURACY
CL = GND
30.2
mV
IINFSR
Current input full scale range
CL = VDD
60.4
mV
CL = GND
7.32
µV
IINLSB
Current input LSB
CL = VDD
14.64
µV
VAUXFSR
VAUX input full scale range
1.16
V
VAUXLSB
VAUX input LSB
283.2
µV
VINFSR
Input voltage full scale range
18.7
V
VINLSB
Input voltage LSB
4.54
mV
VIN – SENSE = 25 mV, CL = GND
–2.7
2.4
IINACC
Input current accuracy
VIN – SENSE = 25 mV, CL = GND
–2.4%
2.4%
TJ = 10°C to 85°C
VIN, VOUT = 12 V
–1.6%
1.4%
VAUX = 1 V
VACC
VAUX, VIN, VOUT accuracy
VIN, VOUT = 12 V
VAUX = 1 V
–1.4%
1.4%
TJ = 10°C to 85°C
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25066


同様の部品番号 - LM25066

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results

同様の説明 - LM25066

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com