データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1117IMP-3.3 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM1117IMP-3.3
部品情報  800-mA Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IMP-3.3 データシート(HTML) 8 Page - Texas Instruments

Back Button LM1117IMP-3.3 Datasheet HTML 4Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 5Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 6Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 7Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 8Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 9Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 10Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 11Page - Texas Instruments LM1117IMP-3.3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LM1117
SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
LM1117I Electrical Characteristics (continued)
unless otherwise specified, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TJ = 25°C
1.1
over the junction
IOUT = 100 mA
V
temperature range
1.3
–40°C to 125°C
TJ = 25°C
1.15
over the junction
VIN-V OUT Dropout Voltage
(4)
IOUT = 500 mA
V
temperature range
1.35
–40°C to 125°C
TJ = 25°C
1.2
over the junction
IOUT = 800 mA
V
temperature range
1.4
–40°C to 125°C
ILIMIT
Current Limit
VIN – VOUT = 5 V, TJ = 25°C
800
1200
1500
mA
TJ = 25°C
1.7
Minimum Load
LM1117I-ADJ
over the junction
mA
Current(5)
VIN = 15 V
temperature range
5
–40°C to 125°C
TJ = 25°C
5
LM1117I-3.3
over the junction
mA
VIN ≤ 15 V
temperature range
15
–40°C to 125°C
Quiescent Current
TJ = 25°C
5
LM1117I-5.0
over the junction
mA
VIN ≤ 15 V
temperature range
15
–40°C to 125°C
Thermal Regulation TA = 25°C, 30ms Pulse
0.01
0.1
%/W
TJ = 25°C
75
fRIPPLE = 120 Hz, VIN – VOUT = 3 V
over the junction
Ripple Regulation
dB
VRIPPLE = 1 VPP
temperature range
60
–40°C to 125°C
TJ = 25°C
60
Adjust Pin Current
μA
over the junction temperature range –40°C to 125°C
120
TJ = 25°C
0.2
Adjust Pin Current
10
≤ IOUT ≤ 800 mA,
over the junction
µA
Change
1.4 V
≤ VIN – VOUT ≤ 10 V
temperature range
10
–40°C to 125°C
Temperature
0.5%
Stability
Long Term Stability TA = 125°C, 1000 Hrs
0.3%
RMS Output Noise
(% of VOUT), 10 Hz ≤ f ≤ 10 kHz
0.003%
(4)
The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input voltage. It is
measured when the output voltage has dropped 100 mV from the nominal value obtained at VIN = VOUT + 1.5 V.
(5)
The minimum output current required to maintain regulation.
8
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM1117


同様の部品番号 - LM1117IMP-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1117IMP-3.3 TI1-LM1117IMP-3.3 Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IMP-3.3/NOPB TI1-LM1117IMP-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

同様の説明 - LM1117IMP-3.3

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com