データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1847 データシート(PDF) 9 Page - Texas Instruments

部品番号 UC1847
部品情報  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1847 データシート(HTML) 9 Page - Texas Instruments

Back Button UC1847 Datasheet HTML 5Page - Texas Instruments UC1847 Datasheet HTML 6Page - Texas Instruments UC1847 Datasheet HTML 7Page - Texas Instruments UC1847 Datasheet HTML 8Page - Texas Instruments UC1847 Datasheet HTML 9Page - Texas Instruments UC1847 Datasheet HTML 10Page - Texas Instruments UC1847 Datasheet HTML 11Page - Texas Instruments UC1847 Datasheet HTML 12Page - Texas Instruments UC1847 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OSC
T
T
2.2
f
R C
A small RC filter may be required in some applications to reduce switch transients.
Differential input allows remote, noise free sensing.
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
www.ti.com
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 3. Current Sense Amplifier Connection
7.3.2 Oscillator
By implementing the oscillator using all NPN transistors, the UCx846/7 achieves excellent temperature stability
and waveform clarity at frequencies in excess of 1 MHz.
Referring to Figure 4, an external resistor RT is used to generate a constant current into a capacitor CT to
produce a linear sawtooth waveform. Oscillator frequency may be approximated by selecting RT and CT such
that:
(1)
Figure 4. Oscillator Circuit
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


同様の部品番号 - UC1847

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1847 TI-UC1847 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI-UC1847 Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI-UC1847 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI1-UC1847 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1847 TI-UC1847 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

同様の説明 - UC1847

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com