データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA19-1 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 CA19-1
部品情報  Cascadable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA19-1 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA19-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA19-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CA19-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
10 to 1000 MHz
Rev. V3
A19-1 / SMA19-1
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-1100
10-1000
10-1000
Small Signal Gain (min)
dB
11.5
10.5
10.0
Gain Flatness (max)
dB
±0.2
±0.6
±0.8
Reverse Isolation
dB
16
Noise Figure (max)
dB
5.5
6.5
7.0
Power Output
@ 1 dB comp. (min)
dBm
22.5
20.5
20.0
IP3
dBm
+35
IP2
dBm
+51
Second Order Harmonic IP
dBm
+58
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.7:1 / 1.7:1
2.0:1 / 2.3:1
DC Current @ 15 Volts (max)
mA
90
94
99
Features
 HIGH OUTPUT POWER: +22.5 dBm (TYP.)
 HIGH THIRD ORDER I.P.: +35 dBm (TYP.)
 MEDIUM NOISE FIGURE: 6.0 dB (TYP.)
Description
The A19-1 RF amplifier is a discrete thin film hybrid design,
which incorporates the use of thin film manufacturing processes
for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network is used for temperature-
stable performance, in addition to an RF Choke, used for power
supply decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A19-1
TO-8
SMA19-1
Surface Mount
CA19-1
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
100ºC/W
Transistor Power Dissipation Pd
0.907 W
Junction Temperature Rise
Above Case Tjc
+91ºC
* Over temperature performance limits for part number CA19-1, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


同様の部品番号 - CA19-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA19-1 MACOM-CA19-1 Datasheet
364Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
CA19-1 MA-COM-CA19-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results

同様の説明 - CA19-1

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com