データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02050-15 データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02050-15
部品情報  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050-15 データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02050-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Product Specification
02050-DSH-002-F
Mindspeed Technologies™
5
Mindspeed Proprietary and Confidential
1.5
Typical Eye Diagrams
Figure 1-2.
M02050 1.25 Gbps in Low Rate Mode
Figure 1-3.
M02050 2.125 Gbps Low Rate Mode
10 mVPP differential input
1.25 Gbps
160 mV/div
140 ps/div
10 mV
PP differential input
2.125 Gbps
160 mV/div
80 ps/div
Figure 1-4.
M02050 2.5 Gbps High Rate Mode
10 mV
PP differential input
2.5 Gbps
160 mV/div
80 ps/div


同様の部品番号 - M02050-15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M02050-15 ETC2-M02050-15 Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

同様の説明 - M02050-15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com