データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02069 データシート(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02069
部品情報  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 データシート(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
Mindspeed Technologies™
02069-DSH-001-D
Mindspeed Proprietary and Confidential
M02069 Data Sheet
Figure 1-1.
Safety Logic Timing Characteristics
Hot Plug (DIS Low)
V
CC3
and
V
CC5
status
FAIL
DIS
LASER
OUTPUT
(low)
(low)
V
CC3 and VCC5
“OK”
t_on < 1ms,
(300 us typ.)
Slow Rise on Vcc=3.3V at Power-up (DIS Low)
V
CC3
FAIL
DIS
LASER
OUTPUT
(low)
(low)
3.3V
t_on < 1ms,
(300 us typ.)
V
CC
3.3V
FAIL state at power-up will
depend on pull-up voltage


同様の部品番号 - M02069

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02069-12 MA-COM-M02069-12 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069-EVM MA-COM-M02069-EVM Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
More results

同様の説明 - M02069

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com