データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02097G-11 データシート(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02097G-11
部品情報  3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02097G-11 データシート(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02097G-11 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
2
Preliiminary Information/Mindspeed Proprietary and Confidential
1.3
DC Characteristics
1.3.1
DC Electrical Characteristics - LED Driver
VCC = 3.05 to 3.55V or 4.7 to 5.5V, TA = -40°C to +95°C, unless otherwise noted.
Typical values are VCC = 3.3V, IPBOUT = 4mA, IMOD = 50mA.
Table 1-3.
DC Electrical Characteristics - LED Driver
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
ICC
VCCT supply current
Using external 3.3V supply VCC = 3.3V
(1)
Additional current when operating from 5V
supply
34
1.5
43
mA
VCC3THL
3.3V supply detection (low
voltage) threshold (3)
2.6
2.8
3.0
V
VCC3HH
3.3V supply detection (high
voltage) threshold (3)
3.65
3.8
4.1
V
VCC5THL
5V supply detection (low
voltage) threshold
4.3
4.45
4.65
V
VCC5THH
5V supply detection (high
voltage) threshold
5.6
6.0
6.2
V
VMODSET
Modulation current ref.
Voltage reference for MODSET
1.1
1.25
1.4
V
VPBSET
Pre-bias current setting output
voltage reference
Voltage at PBSET
1.1
1.25
1.4
V
VFAULTL
Low fault voltage detection
threshold (IBOUT, OUTP, CPB,
MODSET, PBSET)
Fault condition occurs when voltage drops
below this level
100
200
mV
VSELFL
Self-biased voltage for PBOUT
and OUTP
During disable condition
0.5
1.6
1.8
V
IPRE-BIAS
Pre-bias current adjust range
At PBOUT. VPBOUT > 0.7V
1
10
mA
IPBIAS(OFF) Pre-bias current with output
disabled
DIS = high
VPBOUT = VCC3
150
µA
Ratio of pre-bias output current
to PBSET current
= IPRE-BIAS / IPBSET
–60
A/A
VIH_DIS
TTL/CMOS input high voltage
(DIS)
2.0
5.5
V
VIL_DIS
TTL/CMOS input low voltage
(DIS)
––
0.8
V
VIH_CFG
Configuration logic input high
voltage (Config1 - 4) (4)
VCC3T-0.5
V
VIL_CFG
Configuration logic input low
voltage (Config1 - 4) (4)
––
0.5
V
VOH_FAIL
Logic output high voltage (FAIL)
With external 10 k
Ω pull-up to V
CC
VCC - 0.6
V
VOL_FAIL
Logic output low voltage (FAIL)
IOL = 0.8 mA
0.4
V
RIN
Differential input resistance
Transmitter Data inputs
6
k


同様の部品番号 - M02097G-11

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
M02097-12 ETC2-M02097-12 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results

同様の説明 - M02097G-11

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com