データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3262TME データシート(PDF) 6 Page - Texas Instruments

部品番号 LM3262TME
部品情報  Adjustable, Step-Down DC-DC Converter With Auto Bypass
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262TME データシート(HTML) 6 Page - Texas Instruments

Back Button LM3262TME Datasheet HTML 2Page - Texas Instruments LM3262TME Datasheet HTML 3Page - Texas Instruments LM3262TME Datasheet HTML 4Page - Texas Instruments LM3262TME Datasheet HTML 5Page - Texas Instruments LM3262TME Datasheet HTML 6Page - Texas Instruments LM3262TME Datasheet HTML 7Page - Texas Instruments LM3262TME Datasheet HTML 8Page - Texas Instruments LM3262TME Datasheet HTML 9Page - Texas Instruments LM3262TME Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LM3262
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
www.ti.com
6.6 System Characteristics
The following parameters are specified by design and verifications providing the component values in the Typical Application
Circuit are used. These parameters are not verified by production testing. Minimum (MIN) and maximum (MAX) values are
specified over the ambient temperature range TA = −30°C ≤ TA ≤ +90°C and over the VIN range = 2.5 V to 5.5 V, unless
otherwise specified; L = 0.5
μH, DCR = 50 mΩ, CIN = 10 μF, 6.3 V, 0402 (1005), COUT = 4.7 μF, 6.3 V, 0402 (1005). For
bench evaluation, see
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D
Maximum duty cycle
MODE = LOW
100%
2.5 V
≤ VIN ≤ 5.5 V
800
2.5 × VCON
≤ VIN – 285 mV
Maximum output current
IOUT
mA
2.5 V
≤ VIN ≤ 5.5 V
capability
2.5 × VCON
≤ VIN – 165 mV, bypass
1000
mode
–3%
3%
VOUT linearity
VCON = 0.16 V to 1.44 V
0 mA
≤ IOUT ≤ 800 mA
(2)
–50
50
mV
VIN = 3.8 V, VOUT = 0.8 V
71%
IOUT = 10 mA, ECO mode
VIN = 3.8 V, VOUT = 2.5 V
η
Efficiency
92%
IOUT = 200 mA, PWM mode
VIN = 3.8 V, VOUT = 3.4 V
93%
IOUT = 500 mA, PWM mode
VIN = 3.6 V to 4.2 V, TR = TF = 10 µs,
LINE_tr
Line transient response
50
mVpk
IOUT = 100 mA, VOUT = 0.8 V
VIN = 3.1/3.6/4.5 V, VOUT = 0.8 V
LOAD_tr
Load transient response
IOUT = 50 mA to 150 mA
50
mVpk
TR = TF = 10 µs,
(1)
When the LM3262 device is being evaluated apart from a normal system design or on a PCB other than the TI LM3262 evaluation
module, user should ensure that a 50-µF to 100-
μF ceramic input capacitor is added to the PCB to keep input voltage from sagging
during rapid load transitions.
(2)
Linearity limits are ±3% or ±50 mV, whichever is larger. VOUT is monotonic in nature with respect to VCON input.
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
VOUT rise time VCON change to 90%; VIN = 3.7 V, VOUT = 1.4 V to 3.4 V
5
µs
0.1 µs < VCON_TR < 1 µs, RL = 12 Ω
TVCON_TR
VOUT fall time VCON change to 10%; VIN = 3.7 V, VOUT = 3.4 V to 1.4 V
5
µs
0.1 µs < VCON_TR < 1 µs, RL = 12 Ω
Turnon time (time for output to reach 95% final value after Enable low-to-
high transition)
TON
50
µs
EN = low-to-high, VIN = 4.2 V , VOUT = 3.4 V
IOUT ≤ 1 mA, COUT = 4.7 µF
TBP, NEG
Auto bypass detect negative threshold delay time(1)
10
µs
TBP, POS
Auto bypass detect positive threshold delay time(2)
0.1
µs
(1)
Entering bypass mode, VIN is compared to the programmed output voltage (2.5 × VCON). When VIN − (2.5 × VCON) falls below VBP,
NEG longer than TBP, NEG, the bypass FET turns on, and the switching FET turns on.
(2)
Bypass mode is exited when VIN − (2.5 × VCON) exceeds VBP, POS longer than TBP, POS, and PWM mode resumes. The hysteresis for
the bypass detection threshold VBP, POS − VBP, NEG is always positive and will be approximately 50 mV.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3262


同様の部品番号 - LM3262TME

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3262TME/NOPB TI1-LM3262TME/NOPB Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

同様の説明 - LM3262TME

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com