データシートサーチシステム |
|
9312 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
9312 データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 6 page TLF6605 June 1989 9312DM9312 One of Eight Line Data SelectorsMultiplexers General Description These data selectorsmultiplexers contain inverterdrivers to supply full complementary on-chip binary decoded data selection The 9312 is a single 8-bit multiplexer with complementary outputs and a strobe control When the strobe is low the function is enabled When a high logic level is applied to the strobe the output is forced to the logic zero state regardless of the logic level of the data inputs Features Y Selects one-of-eight data sources Y Performs parallel to serial conversion Y Strobe controlled outputs Y Complementary outputs Connection Diagram Dual-In-Line Package TLF6605 – 1 Order Number 9312DMQB 9312FMQB or DM9312N See NS Package Number J16A N16E or W16A Function Table Inputs Outputs Select Strobe YY CBA G XXX H L H LLL L D0 D0 L L H L D1 D1 LHL L D2 D2 L H H L D3 D3 H L L L D4 D4 HLH L D5 D5 H H L L D6 D6 HHH L D7 D7 H e High Level L e Low Level X e Don’t Care D0 D1 D7 e The level of the respective D input C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - 9312 |
|
同様の説明 - 9312 |