データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA82 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 CA82
部品情報  Cascadable Amplifier 20 to 250 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA82 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CA82 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA82 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CA82 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Amplifier
20 to 250 MHz
Rev. V3
A82 / SMA82
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Outline Drawing: TO-8 *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount *
Outline Drawing: SMA Connectorized *
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


同様の部品番号 - CA82

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA82 MACOM-CA82 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
CA82 MA-COM-CA82 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Bel Fuse Inc.
CA82-010M-01 BEL-CA82-010M-01 Datasheet
1Mb / 2P
   Category 8.2 Series Cable Jacks and Patch Cords
CA82-020M-01 BEL-CA82-020M-01 Datasheet
1Mb / 2P
   Category 8.2 Series Cable Jacks and Patch Cords
logo
Tyco Electronics
CA82-1 MACOM-CA82-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

同様の説明 - CA82

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A82 MACOM-A82_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A81 MA-COM-A81 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com