データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02139-33 データシート(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02139-33
部品情報  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139-33 データシート(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02139-33 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Product Specification
02139-DSH-001-D
Mindspeed Technologies
®
5
Mindspeed Proprietary and Confidential
1.4
DC Characteristics
VCC = +3.3 V ±10%, TA = -40 °C to +95 °C, TJ = -40 °C to +110 °C, typical specifications are for VCC = 3.3 V,
TA = 25 °C, unless otherwise noted.
1.5
AC Characteristics
VCC = +3.3 V ±10%, CIN = 0.25 pF, LIN = 0.5 nH, TA = -40 °C to +95 °C, TJ = -40 °C to +110 °C, typical
specifications are for VCC = 3.3 V, TA = 25 °C, unless otherwise noted.
Table 1-3.
DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
ICC
Supply current (no loads)
39
43
mA
VB
Photodiode bias voltage (PINK - PINA)
1.6
1.8
2
V
VCM
Common mode output voltage
2.6
V
V_RateSEL
Mon Pad voltage for High Rate (> 1.25 Gbps) operation
0
1.0
V
Mon Pad voltage for Low Rate (
≤ 1.25 Gbps) operation
1.6
2.0 (1)
ROUT
Output resistance - differential
100
120
140
Ω
NOTES:
1.
2.0 V is the maximum value to allow Imon to source current as defined by SFF-8472 Average Power Monitoring.
Table 1-4.
AC Characteristics
Parameter
Conditions
Minimum
Typical
Maximum
Units
Small Signal Bandwidth
-3 dB electrical (Below AGC turn-on,
linear gain region)
—6.0
GHz
Small Signal Transimpedance
Differential Output (Below AGC turn-
on, linear gain region)
3800
Ω
Overload Input Current (1)
2.0
3.0
mAPP
Maximum Input Saturation (2)
+4
dBm
Maximum Differential Output Swing
Iin range: 100 µAPP – 2.0 mAPP
150
200
mVPP
Input Referred Noise (RMS) (3)
High rate (unfiltered)
1500
nA
Low rate (unfiltered)
550
DCD
Duty Cycle Distortion p-p
Iin range: 20 µAPP – 2.0 mAPP
5
10
ps
DJ
Deterministic Jitter p-p
Iin range: 20 µAPP – 2.0 mAPP
(Includes DCD)
8
19
ps
AGC Settling Time
To reach 1% of AGC final value within
six time constants
1—
µs
Low Frequency Cutoff
Low Frequency Cut-off
-3 dB electrical
—4570
kHz


同様の部品番号 - M02139-33

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

同様の説明 - M02139-33

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com