データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02139-33 データシート(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02139-33
部品情報  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139-33 データシート(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02139-33 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139-33 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Product Specification
02139-DSH-001-D
Mindspeed Technologies
®
4
Mindspeed Proprietary and Confidential
1.2
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the device can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
1.3
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply (VCC-GND)
-0.4 to +4
V
TSTG
Storage temperature
-65 to +150
°C
IIN_AVG
PINA Input current (average)
5.0
mA
IIN_PP
PINA Input current (peak to peak)
8
mAPP
VPINA, VDout,
VDoutB,VAGC
Maximum input voltage at PINA, Dout, DoutB and AGC
-0.4 to 1.65
V
VPINK, VMON
Maximum input voltage at PINK and MON
-0.4 V to VCC +0.4 V
V
IPINK
Maximum average current sourced out of PINK
10
mA
IDout, IDoutB
Maximum average current sourced out of Dout and DoutB
10
mA
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
VCC
Power supply (VCC - GND)
3.3 ± 10%
V
CPD
Max. Photodiode capacitance (Vr = 1.75 V when using PINK), for
10.3 Gbps data rate
0.25
pF
TA
Operating ambient temperature
-40 to +95
°C
RLOAD
Recommended differential output loading
100
Ω (1)
NOTES:
1.
100
Ω is the load presented by the input of a Mindspeed post amp.


同様の部品番号 - M02139-33

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

同様の説明 - M02139-33

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com