データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZ1003-QT データシート(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

部品番号 XZ1003-QT
部品情報  MoCA Compliant Front-End GaAs IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XZ1003-QT データシート(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  XZ1003-QT_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XZ1003-QT_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Front End GaAs IC
775 - 1525 MHz
Rev. V4
XZ1003-QT
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
DC Specifications
Parameter
Units
Min.
Typ.
Max.
Supply Voltage (VDD)
V
3.13
3.3
3.47
Supply Current (IDD)
mA
180
235
Supply Current (ID1)
mA
160
Supply Current (ID2)
mA
12
Supply Current (ID3)
mA
2.2
Supply Current (Ibias_adj)
mA
2.5
Logic Low (L)
V
-0.5
0
0.2
Logic High (H)
V
1.2
3.3
3.47
Logic Low Current
mA
-0.5
1
Logic High Current
mA
-0.5
1
Absolute Maximum Ratings4,5
Parameter
Absolute Max.
Supply Voltage (VDD) to Ground
+7 V
VDD to any other VDD
+7 V
All other pins to ground
+6 V
Power Dissipation (Pdiss)
.825 W
Operating Temperature (Ta)
-40°C to +85ºC
Operating Humidity Range
0% to 95% non-condensing
Storage Temperature (Tstg)
-55°C to +150°C
Storage Humidity Range
0% to 100% non-condensing
Junction Temperature
150ºC
Thermal Resistance, Junction to case6
43ºC/W
ESD (HBM)
Class 0
ESD (HBM), I_O, TX_IN & RX_OUT
Class 1A
Lead Temperature (soldering)
Refer to App Note S2083
RF Input Power @ pin 4 (TX_IN)
10 dBm
RF Input Power @ pin 11 (I_O)
20 dBm
4. Exceeding any one or combination of these limits may cause permanent damage to this device.
5. MACOM does not recommend sustained operation above these survivability limits.
6. Thermal Resistance is calculated using XZ1003-QT-EV1 evaluation sample board.


同様の部品番号 - XZ1003-QT_15

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XZ1003-QT MIMIX-XZ1003-QT Datasheet
1Mb / 1P
   Hi-RF Front End IC
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT Datasheet
102Kb / 1P
   Front End GaAs IC 775-1525 MHz Integrated PA Bias Control
More results

同様の説明 - XZ1003-QT_15

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
XZ1004-QT MA-COM-XZ1004-QT Datasheet
1,022Kb / 12P
   MoCA Compliant Front-End GaAs IC
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
   CT2 Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com