データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ22010 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ22010
部品情報  10A SIMPLE SWITCHER Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010 データシート(HTML) 4 Page - Texas Instruments

  LMZ22010 Datasheet HTML 1Page - Texas Instruments LMZ22010 Datasheet HTML 2Page - Texas Instruments LMZ22010 Datasheet HTML 3Page - Texas Instruments LMZ22010 Datasheet HTML 4Page - Texas Instruments LMZ22010 Datasheet HTML 5Page - Texas Instruments LMZ22010 Datasheet HTML 6Page - Texas Instruments LMZ22010 Datasheet HTML 7Page - Texas Instruments LMZ22010 Datasheet HTML 8Page - Texas Instruments LMZ22010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN to PGND
–0.3
24
V
EN, SYNC to AGND
–0.3
5.5
V
SS, FB, SH to AGND
–0.3
2.5
V
AGND to PGND
–0.3
0.3
V
Junction Temperature
150
°C
Peak Reflow Case Temperature (30 sec)
245
°C
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For soldering specifications, refer to the following document: SNOA549
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. Test method is per JESD-22-114.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
6
20
V
EN, SYNC
0
5
V
Operation Junction Temperature
−40
125
°C
6.4 Thermal Information
LMZ22010
THERMAL METRIC(1)
NDY
UNIT
11 PINS
Natural Convection
9.9
Junction-to-ambient thermal
RθJA
225 LFPM
6.8
°C/W
resistance(2)
500 LFPM
5.2
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Theta JA measured on a 3.0-in x 3.5-in 4-layer board, with 2-oz. copper on outer layers and 1-oz. copper on inner layers, two hundred
and ten thermal vias, and 2-W power dissipation. Refer to evaluation board application note layout diagrams.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010


同様の部品番号 - LMZ22010

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ22010 NSC-LMZ22010 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
More results

同様の説明 - LMZ22010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com