データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ22010TZE データシート(PDF) 5 Page - Texas Instruments

部品番号 LMZ22010TZE
部品情報  10A SIMPLE SWITCHER Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010TZE データシート(HTML) 5 Page - Texas Instruments

  LMZ22010TZE Datasheet HTML 1Page - Texas Instruments LMZ22010TZE Datasheet HTML 2Page - Texas Instruments LMZ22010TZE Datasheet HTML 3Page - Texas Instruments LMZ22010TZE Datasheet HTML 4Page - Texas Instruments LMZ22010TZE Datasheet HTML 5Page - Texas Instruments LMZ22010TZE Datasheet HTML 6Page - Texas Instruments LMZ22010TZE Datasheet HTML 7Page - Texas Instruments LMZ22010TZE Datasheet HTML 8Page - Texas Instruments LMZ22010TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LMZ22010
www.ti.com
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V, VOUT = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
1.274
VEN
EN threshold
VEN rising
V
over the junction temperature (TJ) range
1.096
1.452
of –40°C to +125°C
IEN-HYS
EN hysteresis source current
VEN > 1.274 V
13
µA
SOFT-START
50
ISS
SS source current
VSS = 0 V
µA
over the junction temperature (TJ) range
40
60
of –40°C to +125°C
tSS
Internal soft-start interval
1.6
ms
CURRENT LIMIT
ICL
Current limit threshold
DC average
12.5
A
INTERNAL SWITCHING OSCILLATOR
Free-running oscillator
fosc
Sync input connected to ground
314
359
404
kHz
frequency
fsync
Synchronization range
Vsync = 3.3 Vp-p
314
600
kHz
Synchronization logic zero
over the junction temperature (TJ) range
VIL-sync
Relative to AGND
0.4
V
amplitude
of –40°C to +125°C
Synchronization logic one
over the junction temperature (TJ) range
VIH-sync
Relative to AGND
1.8
V
amplitude
of –40°C to +125°C
Synchronization duty cycle
SyncDC
15%
50%
85%
range
REGULATION AND OVERVOLTAGE COMPARATOR
0.795
VSS >+ 0.8 V
VFB
In-regulation feedback voltage
V
over the junction temperature (TJ) range
IO = 10 A
0.775
0.815
of –40°C to +125°C
Feedback over-voltage
VFB-OV
0.86
V
protection threshold
IFB
Feedback input bias current
5
nA
Non-switching quiescent
IQ
SYNC = 3 V
3
mA
current
ISD
Shutdown quiescent current
VEN = 0 V
32
μA
Dmax
Maximum duty factor
85%
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis
Falling
15
°C
PERFORMANCE PARAMETERS(3)
ΔVO
Output voltage ripple
BW at 20 MHz
24
mVPP
ΔVO/ΔVIN
Line regulation
VIN = 12 V to 20 V, IOUT= 10 A
±0.2%
ΔVO/ΔIOUT
Load regulation
VIN = 12 V, IOUT= 0.001 A to 10 A
1
mV/A
η
Peak efficiency
VIN = 12 V, VOUT = 3.3 V, IOUT = 5 A
89.5%
η
Full load efficiency
VIN = 12V, VOUT = 3.3 V, IOUT = 10 A
87.5%
(1)
Minimum and Maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Refer to BOM in Table 1.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ22010


同様の部品番号 - LMZ22010TZE

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ22010 NSC-LMZ22010 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
More results

同様の説明 - LMZ22010TZE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com