データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320VC33 データシート(PDF) 8 Page - Texas Instruments

部品番号 SM320VC33
部品情報  Digital Signal Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC33 データシート(HTML) 8 Page - Texas Instruments

Back Button SM320VC33_15 Datasheet HTML 4Page - Texas Instruments SM320VC33_15 Datasheet HTML 5Page - Texas Instruments SM320VC33_15 Datasheet HTML 6Page - Texas Instruments SM320VC33_15 Datasheet HTML 7Page - Texas Instruments SM320VC33_15 Datasheet HTML 8Page - Texas Instruments SM320VC33_15 Datasheet HTML 9Page - Texas Instruments SM320VC33_15 Datasheet HTML 10Page - Texas Instruments SM320VC33_15 Datasheet HTML 11Page - Texas Instruments SM320VC33_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
SM320VC33, SMJ320VC33
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
www.ti.com
6.3 Electrical Characteristics
over recommended ranges of supply voltage (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP(3)
MAX
UNIT
VOH
High-level output voltage
DVDD = MIN, IOH = MAX
2.4
V
VOL
Low-level output voltage
DVDD = MIN, IOL = MAX
0.4
V
IZ
High-impedance current
TC = 25°C, DVDD = MAX
–5
5
μA
II
Input current
TC = 25°C, VI = VSS to DVDD
–5
5
μA
IIPU
Input current (with internal pullup)
Inputs with internal pullups(4)
–600
10
μA
IIPD
Input current (with internal pulldown) Inputs with internal pulldowns(4)
600
10
μA
Input current (with bus keeper)
Bus keeper opposes until conditions
IBKU
–600
10
μA
pullup(5)
match
Input current (with bus keeper)
IBKD
TC = 25°C, ƒx = 75 MHz
600
10
μA
pulldown(5)
IDDD
Supply current, pins(6)(7)
DVDD = MAX
25
260
mA
TC = 25°C, ƒx = 75 MHz, CVDD =
IDDC
Supply current, core CPU(6)(7)
60
215
mA
MAX
PLL enabled, oscillator enabled
2
mA
IDLE2, Supply current IDDD plus
PLL disabled, oscillator enabled
500
IDD
IDDC
μA
PLL disabled, oscillator disabled,
50
FCLK = 0
All inputs except XIN
10(8)
Ci
Input capacitance
pF
XIN
10(8)
Co
Output capacitance
10(8)
pF
(1)
All voltage values are with respect to VSS.
(2)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in Recommended Operating Conditions.
(3)
For VC33, all typical values are at DVDD = 3.3, CVDD = 1.8 V, TC (case temperature) = 25°C.
(4)
Pins with internal pullup devices: TDI, TCK, and TMS. Pin with internal pulldown device: TRST.
(5)
Pins D0 to D31 include internal bus keepers that maintain valid logic levels when the bus is not driven (see Figure 30).
(6)
Actual operating current is less than this maximum value. This value was obtained under specially produced worst-case test conditions,
which are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern
at the maximum rate possible. See TMS320C3x General-Purpose Applications (SPRU194).
(7)
ƒx is the PLL output clock frequency.
(8)
Not production tested
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SM320VC33 SMJ320VC33


同様の部品番号 - SM320VC33_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320VC33-EP TI1-SM320VC33-EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNLM150 TI-SM320VC33GNLM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNMM150 TI-SM320VC33GNMM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNMM150EP TI1-SM320VC33GNMM150EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33HFGM150 TI-SM320VC33HFGM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - SM320VC33_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com