データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD10GE156 データシート(PDF) 2 Page - Pericom Semiconductor Corporation

部品番号 PD10GE156
部品情報  3.3V PECL Low Jitter 156.25MHz 10GbE XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERICOM [Pericom Semiconductor Corporation]
ホームページ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PD10GE156 データシート(HTML) 2 Page - Pericom Semiconductor Corporation

  PD10GE156 Datasheet HTML 1Page - Pericom Semiconductor Corporation PD10GE156 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
PD10GE156
Rev E
07/13/12
3.3V PECL Low Jitter 156.25 MHz 10GbE XO
Application Specific Crystal Oscillator 5.0 x 3.2mm
PD10GE156
TM
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7* VCC
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3* VCC
V
Outputs disabled to Hi-Z
Output Disable Delay
200
ns
Output Enable Delay
2
ms
Internal Pull Up Resistance
50
kΩ
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
156.25
MHz
Supply Voltage
2.97
3.30
3.63
V
Supply Current, Output Enabled
80
mA
Supply Current, Output Disabled
30
m
A
Frequency Stability
±50
ppm
See Note 1 below
Operating Temperature Range
-40
+85
°C
Output Logic 0, VOL
VCC – 1.620
V
Output Logic 1, VOH
VCC – 1.025
V
Output Load
50Ω to VCC – 2V
output requires termination
Duty Cycle
45
55
%
Measured 50% waveform
Rise and Fall Time
1.0
ns
Measured 10/90% of waveform
Jitter, Phase RMS (1-σ)
1.0
ps
12 kHz to 20 MHz frequency band
Jitter, pk–pk
40
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (5 year at 40°C average effective ambient temperature), shock and vibration.
2.
For specifications othere than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/assp-xo/?part=PD10GE156
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_pecl.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_5032_xo.pdf
2
12-0053


同様の部品番号 - PD10GE156

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PD10GE159 PERICOM-PD10GE159 Datasheet
879Kb / 2P
   3.3V PECL Low Jitter 159.375MHz 10GbE XO
More results

同様の説明 - PD10GE156

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
UX7040GE01 PERICOM-UX7040GE01 Datasheet
973Kb / 2P
   3.3V PECL Ultra Low Jitter 156.25MHz XO
UX5040GE01 PERICOM-UX5040GE01 Datasheet
931Kb / 2P
   3.3V PECL Ultra Low Jitter 156.25MHz XO
PD10GE159 PERICOM-PD10GE159 Datasheet
879Kb / 2P
   3.3V PECL Low Jitter 159.375MHz 10GbE XO
SNGPON155 PERICOM-SNGPON155 Datasheet
553Kb / 2P
   3.3V PECL Low Jitter 155.52MHz GPON XO
PDGPON155 PERICOM-PDGPON155 Datasheet
875Kb / 2P
   3.3V PECL Low Jitter 155.52MHz GPON XO
logo
Micrel Semiconductor
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
logo
Pericom Semiconductor C...
SX10GE156 PERICOM-SX10GE156 Datasheet
551Kb / 2P
   3.3V CMOS Low-Jitter 156.25 MHz 10GbE XO
LD10GE156 PERICOM-LD10GE156 Datasheet
889Kb / 2P
   3.3V LVDS Low Jitter 156.25 MHz 10GbE XO
logo
Microchip Technology
MX553BBB156M250 MICROCHIP-MX553BBB156M250 Datasheet
1Mb / 4P
   Ultra-Low Jitter 156.25MHz LVDS XO
December 05, 2017 Revision 1.0
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com