データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HDC1080 データシート(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
部品番号 HDC1080
部品情報  Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

HDC1080 データシート(HTML) 18 Page - Texas Instruments

Back Button HDC1080 Datasheet HTML 14Page - Texas Instruments HDC1080 Datasheet HTML 15Page - Texas Instruments HDC1080 Datasheet HTML 16Page - Texas Instruments HDC1080 Datasheet HTML 17Page - Texas Instruments HDC1080 Datasheet HTML 18Page - Texas Instruments HDC1080 Datasheet HTML 19Page - Texas Instruments HDC1080 Datasheet HTML 20Page - Texas Instruments HDC1080 Datasheet HTML 21Page - Texas Instruments HDC1080 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
HDC1080
SNAS672A – NOVEMBER 2015 – REVISED JANUARY 2016
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
When a circuit board layout is created from the schematic shown in Figure 15 a small circuit board is possible.
The accuracy of a RH and temperature measurement depends on the sensor accuracy and the setup of the
sensing system. The HDC1080 samples relative humidity and temperature in its immediate environment, it is
therefore important that the local conditions at the sensor match the monitored environment. Use one or more
openings in the physical cover of the thermostat to obtain a good airflow even in static conditions. Refer to the
layout below ( Figure 18) for a PCB layout which minimizes the thermal mass of the PCB in the region of the
HDC1080, which can improve measurement response time and accuracy.
9.2.3 Application Curve
The data shown below was acquired with the HDC1080EVM. A humidity chamber was used to control the
environment.
Figure 16. RH vs. Time
9.3 Implementation and Usage Recommendations
9.3.1 Soldering
When soldering the HDC1080 use the standard soldering profile IPC/JEDEC J-STD-020 with peak temperatures
of 260 °C.
When soldering the HDC1080 it is mandatory to use no-clean solder paste and no board wash should be
applied. The HDC1080 should be limited to a single IR reflow and no rework is recommended.
9.3.2 Chemical Exposure and Sensor Protection
The humidity sensor is not a standard IC and therefore should not be exposed to particulates or volatile
chemicals such as solvents or other organic compounds. If any type of protective coating must be applied to the
circuit board, the sensor must be protected during the coating process.
9.3.3 High Temperature and Humidity Exposure
Long exposure outside the recommended operating conditions may temporarily offset the RH output. Table 10
shows the RH offset values that can be expected for exposure to 85 °C and 85 % RH for durations between 12
and 500 hours (continuous).
18
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Product Folder Links: HDC1080


同様の部品番号 - HDC1080

メーカー部品番号データシート部品情報
logo
M-System Co.,Ltd.
HDC10 MSYSTEM-HDC10 Datasheet
93Kb / 1P
   DC POWER SUPPLY
logo
Texas Instruments
HDC1000 TI1-HDC1000 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000YPAR TI1-HDC1000YPAR Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000YPAT TI1-HDC1000YPAT Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results

同様の説明 - HDC1080

メーカー部品番号データシート部品情報
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com