データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC2214QRGHTQ1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 FDC2214QRGHTQ1
部品情報  Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214QRGHTQ1 データシート(HTML) 1 Page - Texas Instruments

  FDC2214QRGHTQ1 Datasheet HTML 1Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 2Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 3Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 4Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 5Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 6Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 7Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 8Page - Texas Instruments FDC2214QRGHTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
IN0A
IN0B
IN3A
IN3B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
Resonant
circuit driver
Resonant
circuit driver
I
2C
I
2C
peripheral
3.3 V
L
Cap Sensor 0
CLKIN
40 MHz
L
Cap Sensor 3
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
SNOSCZ9 – MAY 2016
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1 Multi-Channel 12-Bit or 28-Bit
Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1:–40°C to +125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C5
EMI-Resistant Architecture
Maximum Output Rates (One Active Channel):
13.3 ksps (FDC2112-Q1, FDC2114-Q1)
4.08 ksps (FDC2212-Q1, FDC2214-Q1)
Maximum Input Capacitance: 250 nF (at 10 kHz
with 1-mH inductor)
Sensor Excitation Frequency: 10 kHz to 10 MHz
Number of Channels: 2, 4
Resolution: Up to 28 bits
RMS noise: 0.3 fF at 100 sps and fSENSOR = 5MHz
Supply Voltage: 2.7 V to 3.6 V
Power Consumption: Active: 2.1 mA
Low-Power Sleep Mode: 35 µA
Shutdown: 200 nA
Interface: I2C
Temperature Range: –40°C to +125°C
2 Applications
EMI-Resistant Proximity Sensor
EMI-Resistant Gesture Recognition
EMI-Resistant Foreign Object Detection
EMI-Resistant Rain / Fog / Ice / Snow Sensor
Automotive Door / Kick Sensors
3 Description
Capacitive sensing is a low-power, low-cost, high-
resolution contactless sensing technique that can be
applied to a variety of applications ranging from
proximity detection to gesture recognition. The sensor
in a capacitive sensing system is any metal or
conductor, allowing for low cost and highly flexible
system design.
The main challenge limiting sensitivity in capacitive
sensing applications is noise susceptibility of the
sensors.
With
the
FDC2x1x-Q1
innovative
EMI
resistant
architecture,
performance
can
be
maintained
even
in
presence
of
high-noise
environments.
The FDC2x1x-Q1 is a multi-channel family of noise-
and
EMI-resistant,
high-resolution,
high-speed
capacitance-to-digital converters for implementing
capacitive sensing solutions. The devices employ an
innovative narrow-band based architecture to offer
high rejection of noise and interferers while providing
high resolution at high speed. The devices support a
wide excitation frequency range, offering flexibility in
system design.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
FDC2112-Q1
WSON (12)
4.00 mm × 4.00 mm
FDC2114-Q1
WQFN (16)
4.00 mm × 4.00 mm
FDC2212-Q1
WSON (12)
4.00 mm × 4.00 mm
FDC2214-Q1
WQFN (16)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


同様の部品番号 - FDC2214QRGHTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2214QRGHTQ1 TI1-FDC2214QRGHTQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2214QRGHTQ1 TI1-FDC2214QRGHTQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
More results

同様の説明 - FDC2214QRGHTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Sanyo Semicon Device
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com