データシートサーチシステム |
|
CD4052BM96G4 データシート(PDF) 10 Page - Texas Instruments |
|
|
CD4052BM96G4 データシート(HTML) 10 Page - Texas Instruments |
10 / 38 page T = 25 C A o ALTERNATING “O” C = 50pF L AND “I” PATTERN 10 10 10 10 5 4 3 V = 15V DD V = 5V DD C = 15pF L 10 10 10 2 2 10 10 10 SWITCHING FREQUENCY (kHz) 3 4 5 1 TEST CIRCUIT V 3 DD 5 10 11 6 7 8 14 15 1 2 13 12 4 C CD4051 L f 100Ω 100Ω B/D CD4029 VDD A B C 9 Ι V = 10V DD -6 -4 -2 0 2 4 6 V , INPUT SIGNAL VOLTAGE (V) IS -6 -4 -2 0 2 4 6 V = 5V DD V = 0V SS V = -5V EE T = 25 C A o R = 100k , R = 10k L L Ω Ω 100 Ω 500 Ω 1k Ω -10 -7.5 -5 -2.5 0 2.5 5 7.5 10 0 100 200 300 400 600 500 V , INPUT SIGNAL VOLTAGE (V) IS T = 25 C A o 15V 10V V - V = 5V DD EE -10 -7.5 -5 -2.5 0 2.5 5 7.5 10 0 50 100 150 200 250 V , INPUT SIGNAL VOLTAGE (V) IS V - V = 15V DD EE T = 125 C A o T = 25 C A o T = -55 C A o -4 -3 -2 -1 0 1 2 3 4 0 100 200 300 400 500 600 T = 125 C A o T = -55 C A o T = 25 C A o V - V = 5V DD EE 5 -10 -7.5 -5 -2.5 0 2.5 5 7.5 10 0 50 100 150 200 250 300 V , INPUT SIGNAL VOLTAGE (V) IS T = 125 C A o T = 25 C A o T = -55 C A o CD4051B, CD4052B, CD4053B SCHS047H – AUGUST 1998 – REVISED APRIL 2015 www.ti.com 6.7 Typical Characteristics Figure 2. Channel ON Resistance vs Input Signal Voltage Figure 1. Channel ON Resistance vs Input Signal Voltage (All Types) (All Types) Figure 3. Channel ON Resistance vs Input Signal Voltage Figure 4. Channel ON Resistance vs Input Signal Voltage (All Types) (All Types) Figure 5. ON Characteristics for 1 of 8 Channels (CD4051B) Figure 6. Dynamic Power Dissipation vs Switching Frequency (CD4051B) 10 Submit Documentation Feedback Copyright © 1998–2015, Texas Instruments Incorporated Product Folder Links: CD4051B CD4052B CD4053B |
同様の部品番号 - CD4052BM96G4 |
|
同様の説明 - CD4052BM96G4 |