データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4053B データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4053B
部品情報  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053B データシート(HTML) 6 Page - Texas Instruments

Back Button CD4053B Datasheet HTML 2Page - Texas Instruments CD4053B Datasheet HTML 3Page - Texas Instruments CD4053B Datasheet HTML 4Page - Texas Instruments CD4053B Datasheet HTML 5Page - Texas Instruments CD4053B Datasheet HTML 6Page - Texas Instruments CD4053B Datasheet HTML 7Page - Texas Instruments CD4053B Datasheet HTML 8Page - Texas Instruments CD4053B Datasheet HTML 9Page - Texas Instruments CD4053B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
CD4051B, CD4052B, CD4053B
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
www.ti.com
6.5 Electrical Characteristics
over operating free-air temperature range, VSUPPLY = ±5 V, AV = +1, and RL = 100 Ω, (unless otherwise noted)
(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
VIS (V)
VEE (V)
VSS (V) VDD (V)
TEMP
SIGNAL INPUTS (VIS) AND OUTPUTS (VOS)
–55°C
5
–40°C
5
5
25°C
0.04
5
85°C
150
125°C
150
–55°C
10
–40°C
10
10
25°C
0.04
10
85°C
300
125°C
300
Quiescent Device Current, IDD Max
µA
–55°C
20
–40°C
20
15
25°C
0.04
20
85°C
600
125°C
600
–55°C
100
–40°C
100
20
25°C
0.08
100
85°C
3000
125°C
3000
–55°C
800
–40°C
850
0
0
5
25°C
470
1050
85°C
1200
125°C
1300
–55°C
310
–40°C
300
Drain to Source ON Resistance rON Max
0
0
10
25°C
180
400
0
≤ VIS ≤ VDD
85°C
520
125°C
550
–55°C
200
–40°C
210
0
0
15
25°C
125
240
85°C
300
125°C
300
0
0
5
15
Change in ON Resistance
(Between Any Two Channels),
0
0
10
25°C
10
∆rON
0
0
15
5
(1)
Peak-to-Peak voltage symmetrical about (VDD – VEE) / 2.
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B


同様の部品番号 - CD4053B

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4053B TI-CD4053B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4053B HARRIS-CD4053B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4053B TI-CD4053B Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053B TI-CD4053B Datasheet
1Mb / 28P
[Old version datasheet]   Data sheet acquired from Harris Semiconductor
logo
Silicon Supplies
CD4053B SS-CD4053B Datasheet
706Kb / 6P
   CMOS High Voltage Logic
More results

同様の説明 - CD4053B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com