データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3251D2DDV データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3251D2DDV
部品情報  350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3251D2DDV データシート(HTML) 6 Page - Texas Instruments

Back Button TPA3251D2DDV Datasheet HTML 2Page - Texas Instruments TPA3251D2DDV Datasheet HTML 3Page - Texas Instruments TPA3251D2DDV Datasheet HTML 4Page - Texas Instruments TPA3251D2DDV Datasheet HTML 5Page - Texas Instruments TPA3251D2DDV Datasheet HTML 6Page - Texas Instruments TPA3251D2DDV Datasheet HTML 7Page - Texas Instruments TPA3251D2DDV Datasheet HTML 8Page - Texas Instruments TPA3251D2DDV Datasheet HTML 9Page - Texas Instruments TPA3251D2DDV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
TPA3251
SLASE40D – MAY 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPA3251
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
PVDD_x
Half-bridge supply
DC supply voltage
12
36
38
V
GVDD_x
Supply for logic regulators and gate-drive
circuitry
DC supply voltage
10.8
12
13.2
V
VDD
Digital regulator supply voltage
DC supply voltage
10.8
12
13.2
V
RL(BTL)
Load impedance
Output filter inductance within
recommended value range
2.7
4
RL(SE)
1.5
3
RL(PBTL)
1.6
2
LOUT(BTL)
Output filter inductance
Minimum output inductance at IOC
5
μH
LOUT(SE)
5
LOUT(PBTL)
5
FPWM
PWM frame rate selectable for AM
interference avoidance; 1% Resistor
tolerance
Nominal
575
600
625
kHz
AM1
475
500
525
AM2
430
450
470
R(FREQ_ADJ)
PWM frame rate programming resistor
Nominal; Master mode
9.9
10
10.1
k
AM1; Master mode
19.8
20
20.2
AM2; Master mode
29.7
30
30.3
CPVDD
PVDD close decoupling capacitors
1.0
μF
ROC
Over-current programming resistor
Resistor tolerance = 5%
22
30
k
ROC(LATCHED)
Over-current programming resistor
Resistor tolerance = 5%
47
64
k
V(FREQ_ADJ)
Voltage on FREQ_ADJ pin for slave
mode operation
Slave mode
3.3
V
TJ
Junction temperature
0
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal data are obtained with 85°C heat sink temperature using thermal compound with 0.7W/mK thermal conductivity and 2mil
thickness. In this model heat sink temperature is considered to be the ambient temperature and only path for dissipation is to the
heatsink.
7.4 Thermal Information
THERMAL METRIC(1)
TPA3251D2
UNIT
DDV 44-PINS HTSSOP
JEDEC STANDARD
4 LAYER PCB
FIXED 85°C
HEATSINK
TEMPERATURE(2)
RθJA
Junction-to-ambient thermal resistance
50.7
2.5(2)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.36
0.2
RθJB
Junction-to-board thermal resistance
24.4
n/a
ψJT
Junction-to-top characterization parameter
0.19
0.5
ψJB
Junction-to-board characterization parameter
24.2
n/a
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a


同様の部品番号 - TPA3251D2DDV

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3251D2DDV TI1-TPA3251D2DDV Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2DDVR TI1-TPA3251D2DDVR Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
More results

同様の説明 - TPA3251D2DDV

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3245 TI1-TPA3245 Datasheet
449Kb / 28P
[Old version datasheet]   200W Mono PurePath Ultra-HD Analog-Input
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com