データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3255 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3255
部品情報  600W Mono PurePath Ultra-HD Analog-Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3255 データシート(HTML) 4 Page - Texas Instruments

  TPA3255 Datasheet HTML 1Page - Texas Instruments TPA3255 Datasheet HTML 2Page - Texas Instruments TPA3255 Datasheet HTML 3Page - Texas Instruments TPA3255 Datasheet HTML 4Page - Texas Instruments TPA3255 Datasheet HTML 5Page - Texas Instruments TPA3255 Datasheet HTML 6Page - Texas Instruments TPA3255 Datasheet HTML 7Page - Texas Instruments TPA3255 Datasheet HTML 8Page - Texas Instruments TPA3255 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TPA3255
SLASEA8 – FEBRUARY 2016
www.ti.com
Product Folder Links: TPA3255
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions
NAME
NO.
I/O
DESCRIPTION
AVDD
14
P
Internal voltage regulator, analog section
BST_A
44
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_A required.
BST_B
43
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_B required.
BST_C
24
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_C required.
BST_D
23
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_D required.
CLIP_OTW
21
O
Clipping warning and Over-temperature warning; open drain; active low
C_START
15
O
Startup ramp, requires a charging capacitor to GND
DVDD
11
P
Internal voltage regulator, digital section
FAULT
19
O
Shutdown signal, open drain; active low
FREQ_ADJ
8
O
Oscillator freqency programming pin
GND
12, 13, 25, 26,
33, 34, 41, 42
P
Ground
GVDD_AB
1
P
Gate-drive voltage supply; AB-side, requires 0.1 µF capacitor to GND
GVDD_CD
22
P
Gate-drive voltage supply; CD-side, requires 0.1 µF capacitor to GND
INPUT_A
5
I
Input signal for half bridge A
INPUT_B
6
I
Input signal for half bridge B
INPUT_C
16
I
Input signal for half bridge C
INPUT_D
17
I
Input signal for half bridge D
M1
3
I
Mode selection 1 (LSB)
M2
4
I
Mode selection 2 (MSB)
OC_ADJ
7
I/O
Over-Current threshold programming pin
OSC_IOM
9
I/O
Oscillator synchronization interface
OSC_IOP
10
O
Oscillator synchronization interface
OUT_A
39, 40
O
Output, half bridge A
OUT_B
35
O
Output, half bridge B
OUT_C
32
O
Output, half bridge C
OUT_D
27, 28
O
Output, half bridge D
PVDD_AB
36, 37, 38
P
PVDD supply for half-bridge A and B
PVDD_CD
29, 30, 31
P
PVDD supply for half-bridge C and D
RESET
18
I
Device reset Input; active low
VDD
2
P
Power supply for internal voltage regulator requires a 10-µF capacitor with a 0.1-µF capacitor to GND for decoupling.
VBG
20
P
Internal voltage reference requires a 0.1-µF capacitor to GND for decoupling.
PowerPad™
P
Ground, connect to grounded heat sink
Table 1. Mode Selection Pins
MODE PINS
INPUT MODE
OUTPUT
CONFIGURATION
DESCRIPTION
M2
M1
0
0
2N + 1
2 × BTL
Stereo BTL output configuration
0
1
2N/1N + 1
1 x BTL + 2 x SE
2.1 BTL + SE mode
1
0
2N + 1
1 x PBTL
Parallelled BTL configuration. Connect INPUT_C and INPUT_D to GND.
1
1
1N +1
4 x SE
Single ended output configuration


同様の部品番号 - TPA3255

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255 TI1-TPA3255 Datasheet
2Mb / 21P
[Old version datasheet]   Hardware
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TPA3255 TI-TPA3255 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results

同様の説明 - TPA3255

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3245 TI1-TPA3245 Datasheet
449Kb / 28P
[Old version datasheet]   200W Mono PurePath Ultra-HD Analog-Input
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com