データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3255D2DDV データシート(PDF) 2 Page - Texas Instruments

部品番号 TPA3255D2DDV
部品情報  600W Mono PurePath Ultra-HD Analog-Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3255D2DDV データシート(HTML) 2 Page - Texas Instruments

  TPA3255D2DDV Datasheet HTML 1Page - Texas Instruments TPA3255D2DDV Datasheet HTML 2Page - Texas Instruments TPA3255D2DDV Datasheet HTML 3Page - Texas Instruments TPA3255D2DDV Datasheet HTML 4Page - Texas Instruments TPA3255D2DDV Datasheet HTML 5Page - Texas Instruments TPA3255D2DDV Datasheet HTML 6Page - Texas Instruments TPA3255D2DDV Datasheet HTML 7Page - Texas Instruments TPA3255D2DDV Datasheet HTML 8Page - Texas Instruments TPA3255D2DDV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
TPA3255
SLASEA8 – FEBRUARY 2016
www.ti.com
Product Folder Links: TPA3255
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
8
Parameter Measurement Information .................. 7
9
Detailed Description .............................................. 7
9.1
Overview ................................................................... 7
9.2
Functional Block Diagrams ....................................... 8
9.3
Feature Description................................................. 10
9.4
Device Functional Modes........................................ 10
10
Application and Implementation........................ 14
10.1
Application Information.......................................... 14
10.2
Typical Applications .............................................. 14
11
Power Supply Recommendations ..................... 19
11.1
Power Supplies ..................................................... 19
11.2
Powering Up.......................................................... 19
11.3
Powering Down ..................................................... 20
12
Layout................................................................... 21
12.1
Layout Guidelines ................................................. 21
12.2
Layout Examples................................................... 22
13
Device and Documentation Support ................. 25
13.1
Documentation Support ........................................ 25
13.2
Community Resources.......................................... 25
13.3
Trademarks ........................................................... 25
13.4
Electrostatic Discharge Caution ............................ 25
13.5
Glossary ................................................................ 25
14
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
DATE
REVISION
NOTES
February 2016
*
Product Preview


同様の部品番号 - TPA3255D2DDV

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3255D2 TI-TPA3255D2 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
More results

同様の説明 - TPA3255D2DDV

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3245 TI1-TPA3245 Datasheet
449Kb / 28P
[Old version datasheet]   200W Mono PurePath Ultra-HD Analog-Input
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com