データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2222 データシート(PDF) 2 Page - Nanjing International Group Co

部品番号 2N2222
部品情報  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2N2222 データシート(HTML) 2 Page - Nanjing International Group Co

  2N2222 Datasheet HTML 1Page - Nanjing International Group Co 2N2222 Datasheet HTML 2Page - Nanjing International Group Co 2N2222 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N2222 / 2N2222A
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 0.1 mA
at VCE = 10 V, IC = 1 mA
at VCE = 10 V, IC = 10 mA
at VCE = 10 V, IC = 150 mA
at VCE = 10 V, IC = 500 mA
2N2222
2N2222A
hFE
hFE
hFE
hFE
hFE
hFE
35
50
75
100
30
40
-
-
-
300
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 50 V
at VCB = 60 V
2N2222
2N2222A
ICBO
-
-
10
10
nA
Collector Base Breakdown Voltage
at IC = 10 µA
2N2222
2N2222A
V(BR)CBO
60
75
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
2N2222
2N2222A
V(BR)CEO
30
40
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
2N2222
2N2222A
V(BR)EBO
5
6
-
-
V
Collector Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
2N2222
2N2222A
2N2222
2N2222A
VCE(sat)
-
-
-
-
0.4
0.3
1.6
1
V
Base Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
2N2222
2N2222A
2N2222
2N2222A
VBE(sat)
-
0.6
-
-
1.3
1.2
2.6
2
V
Gain Bandwidth Product
at IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
250
-
MHz
Collector Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
8
pF


同様の部品番号 - 2N2222

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
New Jersey Semi-Conduct...
2N2222 NJSEMI-2N2222 Datasheet
130Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
STMicroelectronics
2N2222 STMICROELECTRONICS-2N2222 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Comset Semiconductor
2N2222 COMSET-2N2222 Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Semicoa Semiconductor
2N2222 SEMICOA-2N2222 Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
More results

同様の説明 - 2N2222

メーカー部品番号データシート部品情報
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com