データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADCV08832 データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 ADCV08832
部品情報  Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCV08832 データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button ADCV08832 Datasheet HTML 6Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 7Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 8Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 9Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 10Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 11Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 12Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 13Page - National Semiconductor (TI) ADCV08832 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Functional Description (Continued)
digitally analyze the frequency components of the signal.
Depending on the application, further digital processing can
be applied.
6.1 Sampling Rate
The Sampling Rate, sometimes referred to as the Through-
put Rate, is the time between repetitive samples by an
Analog-to-Digital Converter. The sampling rate includes the
conversion time, as well as other factors such a MUX setup
time, acquisition time, and interfacing time delays. Typically,
the sampling rate is specified in the number of samples
taken per second, at the maximum analog-to-digital con-
verter clock frequency.
Signals with frequencies exceeding the Nyquist frequency
(1/2 the sampling rate), will be aliased into frequencies be-
low the Nyquist frequency. To prevent signal degradation,
sample at twice (or more) than the highest frequency com-
ponent of the input signal and/or use of a low pass
(anti-aliasing) filter on the front-end. Sampling at a much
higher rate than the input signal will reduce the requirements
of the anti-aliasing filter.
6.2 Signal-to-Noise Ratio
Signal-to-Noise Ratio (SNR) is the ratio of RMS magnitude
of
the
fundamental
to
the
RMS
sum
of
all
the
non-fundamental signal, excluding the harmonics, up to 1/2
of the sampling frequency (Nyquist).
6.3 Total Harmonic Distortion
Total Harmonic distortion is the ratio of the RMS sum of the
amplitude of the harmonics to the fundamental input fre-
quency.
THD = 20 log [(V
2
2 +V
3
2+V
4
2+V
5
2+V
6
2) 1/2/V
1]
Where V
1 is the RMS amplitude of the fundamental and
V
2,V3,V4,V5,V6 are the RMS amplitudes of the individual
harmonics. In theory, all harmonics are included in THD
calculations, but in practice only about the first 6 make
significant contributions and require measurement.
6.4 Signal-to-Noise and Distortion
Signal-to-Noise And Distortion ratio (SINAD) is the ratio of
RMS magnitude of the fundamental to the RMS sum of all
the non-fundamental signals, including the noise and har-
monics, up to 1/2 of the sampling frequency (Nyquist), ex-
cluding DC.
SINAD is also dependent on the number of quantization
levels in the A/D Converter used in the waveform sampling
process. The more quantization levels, the smaller the quan-
tization noise and theoretical noise performance. The theo-
retical SINAD for a n-Bit Analog-to-Digital Converter is given
by:
SINAD = (6.02 n + 1.76) dB
Thus, for an 8-bit converter, the ideal SINAD = 49.92 dB
6.5 Effective Number of Bits
Effective Number Of Bits (ENOB) is another specification to
quantify dynamic performance. The equation for ENOB is
given by:
ENOB = [(SINAD - 1.76) / 6.02]
Like SINAD, the Effective Number Of Bits combines the
cumulative effect of several errors, including quantization,
ADC non-linearities, noise, and distortion.
6.6 Spurious Free Dynamic Range
Spurious Free Dynamic Range (SFDR) is the ratio of the
signal amplitude to the amplitude of the highest harmonic or
spurious noise component. If the amplitude is at full scale,
the specification is simply the reciprocal of the peak har-
monic or spurious noise.
Applications
Protecting the Input
DS200084-9
www.national.com
11


同様の部品番号 - ADCV08832

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
ADCV08832CIM TI1-ADCV08832CIM Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
ADCV08832CIMX TI1-ADCV08832CIMX Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
ADCV08832CIMX/NOPB TI1-ADCV08832CIMX/NOPB Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
More results

同様の説明 - ADCV08832

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
logo
National Semiconductor ...
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com