データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS40P05G データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS40P05G
部品情報  40A, 600V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS40P05G データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS40P05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS40P05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS40P05G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS40P05G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS40P05G - TS40P07G
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- Typical IR less than 0.1μA
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411008
Version: E15
TS-6P
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Note 1: Pulse test with PW=300μs, 1% duty cycle
Storage temperature range
- 55 to +150
Mounting torque:
8.17 in-lbs maximum
TS40P05G
TS40P06G
TS40P07G
600
1000
Typical thermal resistance
0.57
Operating junction temperature range
- 55 to +150
IR
10
500
μA
Rating for fusing (t<8.3ms)
664
A
Maximum instantaneous forward voltage (Note 1)
IF= 20 A
VF
V
1.1
Maximum average forward rectified current
40
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
400
600
800
Maximum DC blocking voltage
1000
Maximum RMS voltage
420
560
700
Polarity:
Polarity as marked on the body
Weight:
7.15 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
800
MECHANICAL DATA
Case:
TS-6P
Maximum repetitive peak reverse voltage
Taiwan Semiconductor
40A, 600V - 1000V Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
+
~
~ –


同様の部品番号 - TS40P05G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS40P05G TSC-TS40P05G Datasheet
213Kb / 3P
   Glass Passivated Bridge Rectifiers
TS40P05G TSC-TS40P05G Datasheet
248Kb / 4P
   Glass Passivated Bridge Rectifiers
TS40P05G TSC-TS40P05G_15 Datasheet
248Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

同様の説明 - TS40P05G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
MBS6-K TSC-MBS6-K Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
ABS15J TSC-ABS15J_15 Datasheet
244Kb / 4P
   1.5A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS50P05G TSC-TS50P05G_16 Datasheet
210Kb / 4P
   50A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS35P05G TSC-TS35P05G_16 Datasheet
207Kb / 4P
   35A, 600V - 1000V Glass Passivated Bridge Rectifiers
MBS6-T TSC-MBS6-T Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS10KL60 TSC-TS10KL60_16 Datasheet
188Kb / 4P
   10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
3A60 TSC-3A60 Datasheet
176Kb / 4P
   3A, 600V - 1000V Glass Passivated Rectifiers
UR4KB60-B TSC-UR4KB60-B Datasheet
309Kb / 6P
   4A, 600V - 1000V Glass Passivated Bridge Rectifier
logo
SeCoS Halbleitertechnol...
MB205 SECOS-MB205 Datasheet
248Kb / 2P
   Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com