データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZT968 データシート(PDF) 4 Page - Diodes Incorporated

部品番号 FZT968
部品情報  12V PNP HIGH CURRENT LOW SATURATION POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT968 データシート(HTML) 4 Page - Diodes Incorporated

  FZT968_16 Datasheet HTML 1Page - Diodes Incorporated FZT968_16 Datasheet HTML 2Page - Diodes Incorporated FZT968_16 Datasheet HTML 3Page - Diodes Incorporated FZT968_16 Datasheet HTML 4Page - Diodes Incorporated FZT968_16 Datasheet HTML 5Page - Diodes Incorporated FZT968_16 Datasheet HTML 6Page - Diodes Incorporated FZT968_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT968
Datasheet Number: DS33180 Rev. 4 - 2
4 of 7
www.diodes.com
October 2015
© Diodes Incorporated
FZT968
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-15
-28
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-12
-20
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-6
-8
V
IE = -100µA
Collector Cutoff Current
ICBO
<1
-10
-1
nA
µA
VCB = -12V
VCB = -12V, TA = +100°C
Emitter Cutoff Current
IEBO
<1
-10
nA
VEB = -6V
DC Current Transfer Static Ratio (Note 10)
hFE
300
450
IC = -10mA, VCE = -1V
300
450
1,000
IC = -500mA, VCE = -1V
200
300
IC = -5A, VCE = -1V
150
240
IC = -10A, VCE = -1V
50
IC = -20A, VCE = -1V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
-65
-130
mV
IC = -500mA, IB = -5mA
-132
-170
IC = -2A, IB = -50mA
-360
-450
IC = -6A, IB = -250mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
-1.05
-1.2
V
IC = -6A, IB = -250mA
Base-Emitter Turn-on Voltage (Note 10)
VBE(on)
-0.87
-1.05
V
IC = -6A, VCE = -1V
Transitional Frequency (Note 10)
fT
80
MHz
IC = -100mA, VCE = -10V,
f = 50MHz
Output capacitance
Cobo
161
pF
VCB = -20V, f = 1MHz
Switching Time
tON
120
ns
VCC = -10V, IC = -4A,
IB1 = -IB2 = -400mA
tOFF
116
Note:
10. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle ≤ 2%.


同様の部品番号 - FZT968_16

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
FZT968 DIODES-FZT968_15 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
More results

同様の説明 - FZT968_16

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXTP07012EFF DIODES-ZXTP07012EFF Datasheet
381Kb / 7P
   12V PNP LOW SATURATION TRANSISTOR
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTPS717MC DIODES-ZXTPS717MC Datasheet
270Kb / 10P
   12V PNP LOW SATURATION TRANSISTOR AND
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
   DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com