データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7091R-8BRUZ データシート(PDF) 3 Page - Analog Devices

部品番号 AD7091R-8BRUZ
部品情報  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7091R-8BRUZ データシート(HTML) 3 Page - Analog Devices

  AD7091R-8BRUZ Datasheet HTML 1Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 2Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 3Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 4Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 5Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 6Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 7Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 8Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Data Sheet
AD7091R-2/AD7091R-4/AD7091R-8
Rev. C | Page 3 of 42
SPECIFICATIONS
VDD = 2.7 V to 5.25 V, VDRIVE = 1.8 V to 5.25 V, VREF = 2.5 V internal reference, fSAMPLE = 1 MSPS, fSCLK = 50 MHz, TA = TMIN to TMAX, unless
otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave
Signal-to-Noise Ratio (SNR)
66.5
70
dB
Signal-to-Noise-and-Distortion (SINAD) Ratio
65.5
69
dB
Total Harmonic Distortion (THD)
−80
dB
Spurious-Free Dynamic Range (SFDR)
fIN = 1 kHz sine wave
−81
dB
Channel-to-Channel Isolation
−95
dB
Aperture Delay
5
ns
Aperture Jitter
40
ps
Full Power Bandwidth
At −3 dB
1.5
MHz
At −0.1 dB
1.2
MHz
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)
VDD ≥ 3.0 V
−1
±0.7
+1
LSB
VDD ≥ 2.7 V
−1.25
±0.8
+1.25
LSB
Differential Nonlinearity (DNL)
Guaranteed no missing codes to 12 bits
−0.9
±0.3
+0.9
LSB
Offset Error
TA = 25°C
−1.5
0.2
+1.5
mV
Offset Error Matching
TA = 25°C
−1.5
0.2
+1.5
mV
Offset Error Drift
2
ppm/°C
Gain Error
TA = 25°C
−0.1
0.0
+0.1
% FS
Gain Error Matching
TA = 25°C
−0.1
0.0
+0.1
% FS
Gain Error Drift
2
ppm/°C
ANALOG INPUT
Input Voltage Range1
At ADCIN
0
VREF
V
DC Leakage Current
−1
+1
µA
Input Capacitance2
During acquisition phase
10
pF
Outside acquisition phase
1.5
pF
Multiplexer On Resistance
VDD = 5.0 V
50
Ω
VDD = 2.5 V
100
Ω
VOLTAGE REFERENCE INPUT/OUTPUT
REFOUT3
Internal reference output, TA = 25°C
2.49
2.5
2.51
V
REFIN3
External reference input
1.0
VDD
V
Drift
5
ppm/°C
Power-On Time
CREF = 2.2 µF
50
ms
LOGIC INPUTS
Input High Voltage (VIH)
0.7 × VDRIVE
V
Input Low Voltage (VIL)
0.3 × VDRIVE
V
Input Current (IIN)
Typically 10 nA, VIN = 0 V or VDRIVE
−1
+1
µA
LOGIC OUTPUTS
Output High Voltage (VOH)
ISOURCE = 200 µA
VDRIVE − 0.2
V
Output Low Voltage (VOL)
ISINK = 200 µA
0.4
V
Floating State Leakage Current
−1
+1
µA
Output Coding
Straight (natural) binary


同様の部品番号 - AD7091R-8BRUZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD7091R-8BRUZ ETC2-AD7091R-8BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-8BRUZ-RL7 ETC2-AD7091R-8BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

同様の説明 - AD7091R-8BRUZ

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com