データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7091R-8BRUZ-RL7 データシート(PDF) 8 Page - Analog Devices

部品番号 AD7091R-8BRUZ-RL7
部品情報  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7091R-8BRUZ-RL7 データシート(HTML) 8 Page - Analog Devices

Back Button AD7091R-8BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 9Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 10Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 11Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
AD7091R-2/AD7091R-4/AD7091R-8
Data Sheet
Rev. C | Page 8 of 42
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 5. 2-Channel, 16-Lead TSSOP Pin Configuration
Figure 6. 2-Channel, 16-Lead LFCSP Pin Configuration
Table 5. 2-Channel, 16-Lead LFCSP and 16-Lead TSSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
15
CS
Chip Select Input. When CS is held low, the serial bus enables, and CS frames the output data on the SPI.
2
16
RESET
Reset. Logic input.
3
1
VDD
Power Supply Input. The VDD range is from 2.7 V to 5.25 V. Decouple this supply pin to GND.
4
2
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this output pin
separately to GND using a 1.0 μF capacitor.
5
3
REFIN/REFOUT
Voltage Reference Output, 2.5 V. Decouple this pin to GND. Typical recommended decoupling
capacitor value is 2.2 μF. The user can either access the internal 2.5 V reference or overdrive the
internal reference with the voltage applied to this pin. The reference voltage range for an externally
applied reference is 1.0 V to VDD.
6, 11
4, 9
GND
Chip Ground Pins. These pins are the ground reference point for all circuitry on the AD7091R-2.
7
5
MUXOUT
Multiplexer Output. The output of the multiplexer appears at this pin. If no external filtering or
buffering is required, tie this pin directly to the ADCIN pin; otherwise, tie the output of the
conditioning network to the ADCIN pin.
8
6
VIN0
Analog Input 0. Single-ended analog input. The analog input range is 0 V to VREF.
9
7
VIN1
Analog Input 1. Single-ended analog input. The analog input range is 0 V to VREF.
10
8
ADCIN
ADC Input. This pin allows access to the on-chip track-and-hold. If no external filtering or buffering is
required, tie this pin directly to the MUXOUT pin; otherwise tie the input of the conditioning network
to the MUXOUT pin.
12
10
SDI
Serial Data Input Bus. This input provides the data written to the on-chip control registers. Data
clocks into the registers on the falling edge of the SCLK input. Provide data MSBs first.
13
11
SDO
Serial Data Output Bus. The conversion output data is supplied to this pin as a serial data stream. The
bits are clocked out on the falling edge of the SCLK input, and 13 SCLKs are required to access the
data. The data is provided MSB first.
14
12
SCLK
Serial Clock. This pin acts as the serial clock input.
15
13
CONVST
Convert Start Input Signal. Edge triggered logic input. The falling edge of CONVST places the track-
and-hold mode into hold mode and initiates a conversion.
16
14
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface
operates. Connect decoupling capacitors between VDRIVE and GND. Typical recommended values are 10 μF
and 0.1 μF. The voltage range on this pin is 1.8 V to 5.25 V and may be different to the voltage range
at VDD.
Not
applicable
17
EPAD
Exposed Pad. The exposed pad is not connected internally. It is recommended that the pad be
soldered to GND.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD7091R-2
TOP VIEW
(Not to Scale)
RESET
VDD
REGCAP
MUXOUT
GND
CS
VIN0
CONVST
SCLK
SDO
ADCIN
GND
SDI
VIN1
VDRIVE
REFIN/REFOUT
12
11
10
1
3
4
9
2
AD7091R-2
TOP VIEW
(Not to Scale)
VDD
REGCAP
GND
REFIN/REFOUT
SDI
SDO
SCLK
GND
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED
INTERNALLY. IT IS RECOMMENDED THAT
THE PAD BE SOLDERED TO GND.


同様の部品番号 - AD7091R-8BRUZ-RL7

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD7091R-8BRUZ-RL7 ETC2-AD7091R-8BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

同様の説明 - AD7091R-8BRUZ-RL7

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com