データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7175-8BCPZ データシート(PDF) 9 Page - Analog Devices

部品番号 AD7175-8BCPZ
部品情報  24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7175-8BCPZ データシート(HTML) 9 Page - Analog Devices

Back Button AD7175-8BCPZ Datasheet HTML 5Page - Analog Devices AD7175-8BCPZ Datasheet HTML 6Page - Analog Devices AD7175-8BCPZ Datasheet HTML 7Page - Analog Devices AD7175-8BCPZ Datasheet HTML 8Page - Analog Devices AD7175-8BCPZ Datasheet HTML 9Page - Analog Devices AD7175-8BCPZ Datasheet HTML 10Page - Analog Devices AD7175-8BCPZ Datasheet HTML 11Page - Analog Devices AD7175-8BCPZ Datasheet HTML 12Page - Analog Devices AD7175-8BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Data Sheet
AD7175-8
Rev. 0 | Page 9 of 64
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions1
Pin No.
Mnemonic
Type2
Description
1
AIN16
AI
Analog Input 16. This pin is selectable through the crosspoint multiplexer.
2
AIN0/REF2−
AI
Analog Input 0 (AIN0)/Reference 2, Negative Input (REF2−). An external reference can be applied
between REF2+ and REF2−. REF2− can span from AVSS to AVDD1 − 1 V. Analog Input 0 is selectable
through the crosspoint multiplexer. Reference 2 can be selected through the REF_SELx bits in the setup
configuration registers.
3
AIN1/REF2+
AI
Analog Input 1 (AIN0)/Reference 2, Positive Input (REF2+). An external reference can be applied between
REF2+ and REF2−. REF2+ spans from AVDD1 to AVSS + 1 V. Analog Input 1 is selectable through the
crosspoint multiplexer. Reference 2 can be selected through the REF_SELx bits in the setup
configuration registers.
4
AIN2
AI
Analog Input 2. This pin is selectable through the crosspoint multiplexer.
5
AIN3
AI
Analog Input 3. This pin is selectable through the crosspoint multiplexer.
6
REFOUT
AO
Buffered Output of Internal Reference. The output is 2.5 V with respect to AVSS.
7
REGCAPA
AO
Analog Low Dropout (LDO) Regulator Output. Decouple this pin to AVSS using a 1 µF capacitor.
8
AVSS
P
Negative Analog Supply. This supply ranges from 0 V to −2.75 V and is nominally set to 0 V.
9
AVDD1
P
Analog Supply Voltage 1. This voltage is 5 V ± 10% with respect to AVSS. AVDD1 − AVSS can be a single
5 V supply or a ±2.5 V split supply.
10
AVDD2
P
Analog Supply Voltage 2. This voltage ranges from 2 V to AVDD1 with respect to AVSS.
11
PDSW
AO
Power-Down Switch Connected to AVSS. This pin is controlled by the PDSW bit in the GPIOCON register.
12
XTAL1
AI
Input 1 for Crystal.
13
XTAL2/CLKIO
AI/DI
Input 2 for Crystal (XTAL2)/Clock Input or Output (CLKIO). See the CLOCKSEL bit settings in the
ADCMODE register for more information.
14
DOUT/RDY
DO
Serial Data Output (DOUT)/Data Ready Output (RDY). This pin serves a dual purpose. It functions as a
serial data output pin to access the output shift register of the ADC. The output shift register can contain
data from any of the on-chip data or control registers. The data-word/control word information is placed
on the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge. When CS is high, the
DOUT/RDY output is tristated. When CS is low, and a register is not being read, DOUT/RDY operates as
a data ready pin, going low to indicate the completion of a conversion. If the data is not read after the
conversion, the pin goes high before the next update occurs. The DOUT/RDY falling edge can be used as
an interrupt to a processor, indicating that valid data is available.
1
AIN16
2
AIN0/REF2–
3
AIN1/REF2+
4
AIN2
5
AIN3
6
REFOUT
7
REGCAPA
NOTES
1. SOLDER THE EXPOSED PAD TO A SIMILAR PAD ON THE PCB UNDER THE
EXPOSED PAD TO CONFER MECHANICAL STRENGTH AND FOR HEAT
DISSIPATION. THE EXPOSED PAD MUST BE CONNECTED TO AVSS
THROUGH THIS PAD ON THE PCB.
8
AVSS
9
AVDD1
10
AVDD2
23 GPIO0
24 GPIO1
25 GPO2
26 AIN4
27 AIN5
28 AIN6
29 AIN7
30 AIN8
22 REGCAPD
21 DGND
TOP VIEW
(Not to Scale)
AD7175-8


同様の部品番号 - AD7175-8BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7175-2BRUZ AD-AD7175-2BRUZ Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results

同様の説明 - AD7175-8BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
logo
Texas Instruments
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com