データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1278-2ACPZ データシート(PDF) 8 Page - Analog Devices

部品番号 ADM1278-2ACPZ
部品情報  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1278-2ACPZ データシート(HTML) 8 Page - Analog Devices

Back Button ADM1278-2ACPZ Datasheet HTML 4Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 5Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 6Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 7Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 8Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 9Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 10Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 11Page - Analog Devices ADM1278-2ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
ADM1278
Data Sheet
Rev. A | Page 8 of 61
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Nominal Bus Voltage
VDD
2.7
5.5
V
3 V to 5 V ± 10%
Capacitance for SDA, SCL Pins
CPIN
5
pF
Input Glitch Filter
tSP
0
50
ns
1 Dual function pin names are referenced by the relevant function only (see the Pin Configurations and Function Descriptions section for full pin mnemonics and
descriptions).
2 Sampled during initial release to ensure compliance, but not subject to production testing.
POWER MONITORING ACCURACY SPECIFICATIONS
Table 3.
AA Grade
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT AND
VOLTAGE
MONITORING
Current Sense
Absolute Error
VCC = 4.5 V to 15 V; VMO+ = 2 V to 15 V,
128-sample averaging (unless otherwise
noted)
±0.25
±0.7
±1.0
%
VSENSE_MO = 25 mV
±0.04
±0.3
±0.04
±0.7
±1.0
%
VSENSE_MO = 20 mV
±0.5
±1.0
±1.5
%
VSENSE_MO = 20 mV; 16-sample averaging
±1.5
±2.8
±4.0
%
VSENSE_MO = 20 mV; one-sample averaging
±0.3
±0.8
±1.1
%
VSENSE_MO = 15 mV
±0.4
±1.1
±1.5
%
VSENSE_MO = 10 mV
±0.75
±2.0
±3.0
%
VSENSE_MO = 5 mV
±1.6
±4.3
±6.2
%
VSENSE_MO = 2.5 mV
HS+/VOUT
Absolute Error
±0.35
±1.0
±1.5
%
VHS+, VOUT = 10 V to 20 V
±0.5
±1.0
±1.5
%
VHS+, VOUT = 5 V
Power Absolute
Error
±0.65
±1.7
±2.5
%
VSENSE_MO = 20 mV, VHS+ = 12 V
SERIAL BUS TIMING CHARACTERISTICS
Table 4.
Parameter
Description
Min
Typ
Max
Unit
fSCLK
Clock frequency
400
kHz
tBUF
Bus free time
1.3
μs
tHD;STA
Start hold time
0.6
μs
tSU;STA
Start setup time
0.6
μs
tSU;STO
Stop setup time
0.6
μs
tHD;DAT
SDA hold time
300
900
ns
tSU;DAT
SDA setup time
100
ns
tLOW
SCL low time
1.3
μs
tHIGH
SCL high time
0.6
μs
tR1
SCL, SDA rise time
20
300
ns
tF1
SCL, SDA fall time
20
300
ns
1 tR = (VIL(MAX) − 0.15) to (VIH3V3 + 0.15) and tF = 0.9 VDD to (VIL(MAX) − 0.15); where VIH3V3 = 2.1 V, and VDD = 3.3 V. VIH3V3 is the input high voltage when VDD = 3.3 V.


同様の部品番号 - ADM1278-2ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

同様の説明 - ADM1278-2ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com