データシートサーチシステム |
|
BY253 データシート(PDF) 2 Page - Taiwan Memory Technology |
|
BY253 データシート(HTML) 2 Page - Taiwan Memory Technology |
2 / 4 page CREAT BY ART PART NO. *: Optional available PART NO. BY251 (TA=25°C unless otherwise noted) Document Number: DS_D1406026 Version: D15 BY25x (Note 1) 500 / Bulk packing BY251 - BY254 Taiwan Semiconductor ORDERING INFORMATION PACKING CODE PACKING CODE SUFFIX (*) PACKAGE PACKING DESCRIPTION A0 G DO-201AD 500 / Ammo box R0 DO-201AD 1,250 / 13" Paper reel B0 DO-201AD RATINGS AND CHARACTERISTICS CURVES BY251 A0G A0 G Green compound Note 1: "x" defines voltage from 200V (BY251) to 800V (BY254) EXAMPLE PREFERRED P/N PACKING CODE PACKING CODE SUFFIX 0 1 2 3 4 0 25 50 75 100 125 150 AMBIENT TEMPERATURE(°C) FIG.1- MAXMUM FORWARD CURRENT DERATING CURVE RESISTIVE OR INDUCTIVE LOAD 0 30 60 90 120 150 180 1 10 100 NUMBER OF CYCLES AT 60 Hz FIG. 3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 8.3ms Single Half Sine Wave 0.01 0.1 1 10 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) FIG. 2- TYPICAL REVERSE CHARACTERISTICS TJ=25oC TJ=125oC 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 FORWARD VOLTAGE (V) FIG. 4 TYPICAL FORWARD CHARACTERISTICS Pulse Width=300μs 1% Duty Cycle |
同様の部品番号 - BY253 |
|
同様の説明 - BY253 |