データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YSESDA08CP データシート(PDF) 1 Page - Yea Shin Technology Co., Ltd

部品番号 YSESDA08CP
部品情報  BIDIRECTIONAL TVS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESDA08CP データシート(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSESDA08CP Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESDA08CP Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESDA08CP Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20140320
YSESDAxxCP
H
APPLICATIONS
◆ Cell Phone Handsets and Accessories
◆ Microprocessor based equipment
◆ Personal Digital Assistants (PDA’s)
◆ Notebooks, Desktops, and Servers
◆ Portable Instrumentation
◆ Peripherals
◆ Pagers
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
FEATURES
◆ 100 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects one bidirectional I/O line
◆ Low clamping voltage
◆ Working voltages : 3.3V, 5V and 8V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ DFN1006 (1.0x0.6x0.5mm) Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 0.5 Millgrams (Approximate)
◆ Quantity Per Reel : 10,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
BIDIRECTIONAL TVS DIODE
DFN1006
PIN CONFIGURATION


同様の部品番号 - YSESDA08CP

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
YSESDA08CT YEASHIN-YSESDA08CT Datasheet
1Mb / 4P
   Bidirectional TVS Diode
More results

同様の説明 - YSESDA08CP

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
   BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA3611CDN LEIDITECH-SDA3611CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESDA05CW LEIDITECH-ESDA05CW Datasheet
490Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESD5Z5C LEIDITECH-ESD5Z5C Datasheet
198Kb / 3P
   Bidirectional TVS Diode
ESDA05CC LEIDITECH-ESDA05CC Datasheet
341Kb / 3P
   Bidirectional TVS Diode
ESDA33CT30 LEIDITECH-ESDA33CT30 Datasheet
327Kb / 3P
   Bidirectional TVS Diode
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
   BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
   BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
   BIDIRECTIONAL TVS DIODE
ESD4511D3 LEIDITECH-ESD4511D3 Datasheet
866Kb / 4P
   BIDIRECTIONAL TVS DIODE
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
   BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com