データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB09N06FP-0-UB-S データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 MTB09N06FP-0-UB-S
部品情報  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N06FP-0-UB-S データシート(HTML) 2 Page - Cystech Electonics Corp.

  MTB09N06FP-0-UB-S Datasheet HTML 1Page - Cystech Electonics Corp. MTB09N06FP-0-UB-S Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N06FP-0-UB-S Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N06FP-0-UB-S Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N06FP-0-UB-S Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N06FP-0-UB-S Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N06FP-0-UB-S Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N06FP-0-UB-S Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C912FP
Issued Date : 2016.02.19
Revised Date :
Page No. : 2/8
MTB09N06FP
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current @ TC=25
°C, VGS=10V(silicon limit)
(Note 5)
62
Continuous Drain Current @ TC=25
°C, VGS=10V(package limit) (Note 5)
60
Continuous Drain Current @ TC=100
°C, VGS=10V
(Note 5)
ID
43.8
Pulsed Drain Current
(Note 4)
IDM
240
Continuous Drain Current @ TA=25
°C
(Note 2)
11
Continuous Drain Current @ TA=70
°C
(Note 2)
IDSM
8.8
Avalanche Current
(Note 6)
IAS
30
A
Avalanche Energy @ L=1mH, ID=30A, VDD=30V
(Note 6)
EAS
450
Repetitive Avalanche Energy@ L=0.1mH
(Note 3)
EAR
6
mJ
TC=25°C
(Note 1)
68
Power Dissipation
TC=100°C
(Note 1)
PD
34
TA=25°C
(Note 2)
2
Power Dissipation
TA=70°C
(Note 2)
PDSM
1.3
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+175
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
2.2
Thermal Resistance, Junction-to-ambient, max, t≤10s (Note 1)
15
Thermal Resistance, Junction-to-ambient, max
(Note 1)
RθJA
62.5
°C/W
Note : 1
.The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C. The value in any given application depends on the user’s specific board design, and the
maximum temperature of 175°C may be used if the PCB allows it.
3
. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency
and low duty cycles to keep initial TJ=25°C.
4. Pulse width ≤300μs pulses and duty cycle ≤0.5%.
5. Calculated continuous drain current based on maximum allowable junction temperature.
6. 100% tested by conditions of L=0.1mH, IAS=15A, VGS=10V, VDD=30V
7. The RθJA is the sum of thermal resistance from junction to case RθJC and case to ambient.


同様の部品番号 - MTB09N06FP-0-UB-S

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB09N06F3 CYSTEKEC-MTB09N06F3 Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3-0-T7-X CYSTEKEC-MTB09N06F3-0-T7-X Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB09N06FP-0-UB-S

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com