データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB017B03Q8 データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 MTB017B03Q8
部品情報  Dual P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB017B03Q8 データシート(HTML) 6 Page - Cystech Electonics Corp.

  MTB017B03Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C107Q8
Issued Date : 2016.03.01
Revised Date :
Page No. : 6/9
MTB017B03Q8
CYStek Product Specification
Typical Characteristics(Cont.)
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
50
100
150
200
250
300
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=175°C
TA=25°C
RθJA=62.5°C/W
Typical Transfer Characteristics
0
4
8
12
16
20
24
28
32
36
01
23
45
-VGS, Gate-Source Voltage(V)
VDS=-10V
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=62.5°C/W


同様の部品番号 - MTB017B03Q8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB010A03H8 CYSTEKEC-MTB010A03H8 Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010A03H8-0-T6-G CYSTEKEC-MTB010A03H8-0-T6-G Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
MTB010N06I3 CYSTEKEC-MTB010N06I3 Datasheet
357Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3 CYSTEKEC-MTB010N06RI3 Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB017B03Q8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
logo
Advanced Power Electron...
AP3B026M A-POWER-AP3B026M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4885A HMSEMI-HM4885A Datasheet
975Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4803 HMSEMI-HM4803 Datasheet
554Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTA40B03Q8 CYSTEKEC-MTA40B03Q8 Datasheet
661Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com