データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB017B03Q8-0-T3-G データシート(PDF) 8 Page - Cystech Electonics Corp.

部品番号 MTB017B03Q8-0-T3-G
部品情報  Dual P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB017B03Q8-0-T3-G データシート(HTML) 8 Page - Cystech Electonics Corp.

  MTB017B03Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C107Q8
Issued Date : 2016.03.01
Revised Date :
Page No. : 8/9
MTB017B03Q8
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


同様の部品番号 - MTB017B03Q8-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB010A03H8 CYSTEKEC-MTB010A03H8 Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010A03H8-0-T6-G CYSTEKEC-MTB010A03H8-0-T6-G Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
MTB010N06I3 CYSTEKEC-MTB010N06I3 Datasheet
357Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3 CYSTEKEC-MTB010N06RI3 Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB017B03Q8-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
logo
Advanced Power Electron...
AP3B026M A-POWER-AP3B026M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4885A HMSEMI-HM4885A Datasheet
975Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4803 HMSEMI-HM4803 Datasheet
554Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTA40B03Q8 CYSTEKEC-MTA40B03Q8 Datasheet
661Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com