データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB020N03KV8 データシート(PDF) 5 Page - Cystech Electonics Corp.

部品番号 MTB020N03KV8
部品情報  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KV8 データシート(HTML) 5 Page - Cystech Electonics Corp.

  MTB020N03KV8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KV8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143V8
Issued Date : 2016.02.19
Revised Date : 2016.02.22
Page No. : 5/9
MTB020N03KV8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0
5
10
15
20
25
30
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
Ta=25°C
Pulsed
VDS=10V
VDS=15V
Gate Charge Characteristics
0
2
4
6
8
10
02
46
8
10
12
14
Qg, Total Gate Charge(nC)
ID=10A
VDS=24V
VDS=15V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
TC=25°C, Tj=150°C
VGS=10V, RθJC=16°C/W
Single Pulse
DC
100ms
RDSON
Limited
100
μs
1ms
10ms
1s
Maximum Drain Current vs Junction Temperature
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
150
175
TC, Case Temperature(°C)
VGS=10V, RθJC=16°C/W


同様の部品番号 - MTB020N03KV8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KL3 CYSTEKEC-MTB020N03KL3 Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KL3-0-T3-G CYSTEKEC-MTB020N03KL3-0-T3-G Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KM3 CYSTEKEC-MTB020N03KM3 Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

同様の説明 - MTB020N03KV8

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com