データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB080P06J3 データシート(PDF) 4 Page - Cystech Electonics Corp.

部品番号 MTB080P06J3
部品情報  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06J3 データシート(HTML) 4 Page - Cystech Electonics Corp.

  MTB080P06J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069J3
Issued Date : 2016.03.16
Revised Date :
Page No. : 4/ 9
MTB080P06J3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
2
4
6
8
10
12
14
16
18
20
02
4
6
8
10
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1.0
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
5V
10V,9V,8V,7V,6V
-VDS, Drain-Source Voltage(V)
4.5V
4V
3.5V
-VGS=3V
Static Drain-Source On-State resistance vs Drain Current
0
100
200
300
400
500
0.01
0.1
1
10
100
-ID, Drain Current(A)
In descending order
VGS= -5V
-10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1.0
1.2
024
68
1
-IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
200
400
600
800
1000
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=-10V, ID=-10A
RDS(ON)@Tj=25°C : 82.5mΩ typ.
-VGS, Gate-Source Voltage(V)
ID=-10A


同様の部品番号 - MTB080P06J3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3-0-T3-G CYSTEKEC-MTB080P06L3-0-T3-G Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06M3 CYSTEKEC-MTB080P06M3 Datasheet
433Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB080P06M3-0-T2-G CYSTEKEC-MTB080P06M3-0-T2-G Datasheet
433Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB080P06N3 CYSTEKEC-MTB080P06N3 Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

同様の説明 - MTB080P06J3

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com