データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9341010500 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 9341010500
部品情報  18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

9341010500 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  9341010500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9341010500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9341010500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9341 0101000
1,000 FT
43.000 LB
BLACK
C
2 #18 PVC/NYL SHLD PVC
9341 010500
500 FT
21.500 LB
BLACK
C
2 #18 PVC/NYL SHLD PVC
9341 0105000
5,000 FT
235.000 LB
BLACK
2 #18 PVC/NYL SHLD PVC
Notes:
C = CRATE REEL PUT-UP.
Test Reports
a) UL
i) UL Test Reports are available on-line through the UL Client Document Access web portal.
ii) UL Inspection Reports are also available through the UL Client Document Access web portal.
b) CSA
i) CSA "Descriptive Report and Test Results" documents are available on the CSA Gateway Portal.
ii) CSA Inspection Reports are maintained on the CSA issued 'flash drive' at each manufacturing location.
* other test data may be available if requested at time of order.
Revision Number: 3
Revision Date: 08-17-2012
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9341 Multi-Conductor - 600V Tray Cable


同様の部品番号 - 9341010500

メーカー部品番号データシート部品情報
logo
Keystone Electronics Co...
9341 KEYSTONE-9341 Datasheet
255Kb / 1P
   6-32 PAN HEAD SCREW
logo
Belden Inc.
9341 BELDEN-9341 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
logo
Keystone Electronics Co...
9341 KEYSTONE-9341 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9341 HEYCO-9341 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Belden Inc.
9341-0101000 BELDEN-9341-0101000 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
More results

同様の説明 - 9341010500

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1344841 ETC2-1344841 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
1347098 ETC2-1347098 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors,
1682735 ETC2-1682735 Datasheet
102Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
1346000 ETC2-1346000 Datasheet
101Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com