データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TDA16846 データシート(Datasheet) 7 Page - Infineon Technologies AG

部品番号. TDA16846
部品情報  ICs for Consumer Electronics
ダウンロード  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo 

 7 page
background image
TDA 16846
TDA 16847
Data Sheet
7
2000-01-14
Figure 3
TDA 16847
AEB02737
-
+
4
R
D4
R7
5 V
30 k
R8
75 k
R3
15 k
Control Voltage
KSY
PVA
1.5 V
6
R
6
R
D5
Fold Back Point Correction
1 V
Voltage
Check
-
+
CC
V
1.2 V
1
&
Off Time
Comparator
2 V
Limit
G1
3.5 V
-
+
D2
Error
Amplifier
R2
5 V
D3
Control Voltage
-
+
Buffer for
5 V
-
+
Comparator
Overvoltage
1
R
20 k
< 25 mV
1.5 V
I
ED1
16 V
Comparator
On Time
D1
Startup
G4
1
Q
S
R
ED2
Error-
Flipflop
On Time
Flipflop
R
S
Q
G2
Supply Voltage
Comparator
-
+
15/8 V
Crossing
Signal
&
Output
Driver
Primary
FC1
1 V
7
1
SYN
OTC
RZI
3
4
SRC
5
OCI
PCS
2
14
GND
12
CC
V
10
FC1
13
OUT
6
FC2
REF
9
PMO
8
11
PVC
x 1/3
1
Diode
The input with the lower voltage becomes operative
1)
FC2
+
G3
CS1
RSTC/RSTF
3.5 V
S1
S2
Zero
Q
R
Flipflop
Discharge Time
S
1)




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
SDA9270ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA5275PICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA9280ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA525X-2ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
TSB43CA42TI iceLynx-Micro™ IEEE 1394a-2000 Consumer Electronics Solution 1 2 3 4 5 MoreTexas Instruments
MAX8621YDual Step-Down DC-DC Power-Management ICs for Portable Devices 1 2 3 4 5 MoreMaxim Integrated Products
AN5790NHorizontal Signal Processing ICs for CRT Display 1 2 3 4 Panasonic Semiconductor
PEB2055ICs for Communications Extended PCM Interface Controller 1 2 3 4 5 MoreInfineon Technologies AG
AN5635NCHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV 1 2 3 4 Panasonic Semiconductor
TDA4601Control ICs for Switched-Mode Power Supplies 1 2 3 4 5 MoreSiemens Semiconductor Group

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl