データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TDA16846 データシート(Datasheet) 22 Page - Infineon Technologies AG

部品番号. TDA16846
部品情報  ICs for Consumer Electronics
ダウンロード  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo 

 22 page
background image
TDA 16846
TDA 16847
Data Sheet
22
2000-01-14
Fixed Frequency and Synchronization Circuit SYN (Pin 7)
Frequency
78
88
98
kHz
C
7 = 470 pF,
R
7 =20 kΩ
Charge current
I
7
1.0
1.3
1.6
mA
Upper threshold
V
7
3.5
3.6
3.7
V
Lower threshold
V
7
1.43
1.5
1.57
V
Charge time
0.4
0.55
0.75
µs
Bias current Pin 7
–– 2.4
– 1.8
– 1.1
µA
Input voltage range
V
7
0.3
6V
Undervoltage Lockout SVC (Pin 14)
Threshold
V
14
OFF
7.5
8
8.5
V
Overvoltage Lockout OV (Pin 14)
Threshold
V
14 OV
15.7
16.5
17
V
Delta-OV-
V
14 ON
0.5
––
V
Primary Voltage Check PVC (Pin 11)
Threshold
V
11
0.95
1
1.06
V
Reference Voltage (Pin 9)
Voltage at Pin 9
V
9
4.8
5
5.15
V
I
9 = 100 µA
Current into Pin 9
I
9
– 200 –
0
µA
V
EATH(Pin 3)
V
9 <50 mV
5.2
Characteristics (cont’d)
Unless otherwise stated, – 25
°C< T
j < 125 °C, VCC =12 V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
SDA9270ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA5275PICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA9280ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
SDA525X-2ICs for Consumer Electronics 1 2 3 4 5 MoreSiemens Semiconductor Group
TSB43CA42TI iceLynx-Micro™ IEEE 1394a-2000 Consumer Electronics Solution 1 2 3 4 5 MoreTI store
MAX8621YDual Step-Down DC-DC Power-Management ICs for Portable Devices 1 2 3 4 5 MoreMaxim Integrated Products
AN5790NHorizontal Signal Processing ICs for CRT Display 1 2 3 4 Panasonic Semiconductor
PEB2055ICs for Communications Extended PCM Interface Controller 1 2 3 4 5 MoreInfineon Technologies AG
AN5635NCHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV 1 2 3 4 Panasonic Semiconductor
TDA4601Control ICs for Switched-Mode Power Supplies 1 2 3 4 5 MoreSiemens Semiconductor Group

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl