データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMY4A データシート(PDF) 1 Page - Rohm

部品番号 FMY4A
部品情報  Power management (dual transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

FMY4A データシート(HTML) 1 Page - Rohm

  FMY4A Datasheet HTML 1Page - Rohm FMY4A Datasheet HTML 2Page - Rohm FMY4A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMZ2 / UMZ2N / FMY4A / IMZ2A
Transistors
1/2
Power management (dual transistors)
EMZ2 / UMZ2N / FMY4A / IMZ2A
!
!
!
!
Feature
1) Both a 2SA1037AK chip and 2SC2412K chip in a
EMT or UMT or SMT package.
!
!
!
!
Equivalent circuits
EMZ2 / UMZ2N
(3)
(2)
(1)
(4)
(5)
(6)
FMY4A
(3)
(2)
(1)
(4)
(5)
Tr2
Tr1
Tr1
Tr2
IMZ2A
(4)
(5)
(6)
(3)
(2)
(1)
Tr1
Tr2
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
−60
60
Tr1
Tr2
Unit
V
−50
50
V
−67
−150
150
V
mA
300 (TOTAL)
−55~+150
°C
150
°C
VCBO
VCEO
VEBO
IC
150 (TOTAL)
2
1
FMY4A, IMZ2A
EMZ2, UMZ2N
mW
PC
Tj
Tstg
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
!
!
!
!
Package, marking, and packaging specifications
Part No.
UMZ2N
UMT6
Z2
TR
3000
EMZ2
EMT6
Z2
T2R
8000
FMY4A
SMT5
Y4
T148
3000
IMZ2A
SMT6
Z2
T108
3000
Package
Marking
Code
Basic ordering unit (pieces)
!
!
!
!
External dimensions (Units : mm)
ROHM : EMT6
ROHM : UMT6
ROHM : SMT5
FMY4A
UMZ2N
EMZ2
EIAJ : SC-88
EIAJ : SC-74A
Each lead has same dimensions
0.1Min.
2.1
1.25
Each lead has same dimensions
0.3to0.6
1.6
2.8
ROHM : SMT6
IMZ2A
EIAJ : SC-74
Each lead has same dimensions
0.3to0.6
2.8
1.6
Each lead has same dimensions
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


同様の部品番号 - FMY4A

メーカー部品番号データシート部品情報
logo
Rohm
FMY4A ROHM-FMY4A Datasheet
94Kb / 5P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
34Kb / 1P
   Power Management(Dual Transistors)
FMY4A ROHM-FMY4A Datasheet
61Kb / 2P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
80Kb / 5P
   Power management (dual transistors)
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
   Power Management
More results

同様の説明 - FMY4A

メーカー部品番号データシート部品情報
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com