データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD10017AUR データシート(PDF) 3 Page - LightKey Optoelectronics Ltd.

部品番号 LD10017AUR
部品情報  1.00 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10017AUR データシート(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD10017AUR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10017AUR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10017AUR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121738
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 16 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage
@ IF=20mA
Emitted color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
1.8
2.2
30
60
25
100
Super Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
1.8
2.2
30
60
25
100
Hi-Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
2.1
2.5
30
80
30
100
Orange
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.1
2.5
30
80
30
100
Yellow
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.2
2.5
30
80
30
100
Green
Per DP
2.2
2.5
30
80
30
100
Per Seg.
1.9
2.6
30
60
30
100
Ultra Red
Per DP
1.9
2.6
30
60
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Orange
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Amber
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Yellow
Per DP
2
2.6
30
65
30
100
Per Seg.
2.1
2.6
30
75
30
100
Ultra Green
Per DP
2.1
2.6
30
75
30
100
Per Seg.
3.5
4
30
110
30
100
Pure Green
Per DP
3.5
4
30
110
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra Blue
Per DP
3.5
4
30
120
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra White
Per DP
3.5
4
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


同様の部品番号 - LD10017AUR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AD LIGHTKEY-LD10012AD Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AG LIGHTKEY-LD10012AG Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012AO LIGHTKEY-LD10012AO Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10012APG LIGHTKEY-LD10012APG Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results

同様の説明 - LD10017AUR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LD10013AB LIGHTKEY-LD10013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD23013AB LIGHTKEY-LD23013AB Datasheet
176Kb / 3P
   1.00 inch Single Digit 16 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016EFRG LIGHTKEY-LD10016EFRG Datasheet
114Kb / 3P
   1.00 inch Single Digit 7 Segment Dual-color LED Display
LD8013AB LIGHTKEY-LD8013AB Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD8013CD LIGHTKEY-LD8013CD Datasheet
158Kb / 3P
   0.80 inch Single Digit 16 Segment LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com