データシートサーチシステム |
|
UA733 データシート(PDF) 3 Page - Texas Instruments |
|
|
UA733 データシート(HTML) 3 Page - Texas Instruments |
3 / 16 page The and no longer supplied. mA733M is obsolete mA733C, mA733M DIFFERENTIAL VIDEO AMPLIFIERS SLFS027B − NOVEMBER 1970 − REVISED MAY 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† mA733C mA733M UNIT Supply voltage VCC+ (see Note 1) 8 8 V Supply voltage VCC− (see Note 1) − 8 − 8 V Differential input voltage ± 5 ± 5 V Common-mode input voltage ± 6 ± 6 V Output current 10 10 mA Continuous total power dissipation See Dissipation Rating Table D package 86 Package thermal impedance, qJA (see Notes 2 and 3) N package 80 °C/W Package thermal impedance, qJA (see Notes 2 and 3) NS package 76 C/W Maximum junction temperature, TJ 150 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds J or U package 300 °C Storage temperature range, Tstg − 65 to 150 − 65 to 150 °C † Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential input voltages, are with respect to the midpoint between VCC+ and VCC–. 2. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 3. The package thermal impedance is calculated in accordance with JESD 51-7. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 125°C POWER RATING J ( µA733M) 500 mW 11.0 mW/ °C 104 °C 500 mW 269 mW |
同様の部品番号 - UA733 |
|
同様の説明 - UA733 |