データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74479974133 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74479974133
部品情報  WE-PMMI Power Multilayer Metal-Alloy Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479974133 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479974133 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479974133 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479974133 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479974133 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479974133 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
0,5 ±0,3
2,0
+0,3
-0,1
Scale - 15:1
Recommended Land Pattern: [mm]
Scale - 15:1
0,8 ~ 1,2
0,8 ~ 1,2
Schematic:
Electrical Properties
Properties
Test conditions
Value
Unit
Tol.
Inductance
1 MHz/ 5 mA
L
0.33
μH
±20%
Rated Current
ΔT = 20 K
IR 1
1400
mA
typ.
Rated Current
ΔT = 40 K
IR 2
2000
mA
typ.
Saturation Current
|ΔL/L| < 30 %
ISAT
3000
mA
typ.
DC Resistance
RDC
55
mΩ
typ.
DC Resistance
RDC
69
mΩ
max.
Self Resonant Frequency
fres
25
MHz
min.
Version
Low Profile
General Information
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Operating Temperature
TOP
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
TS
-20 °C up to +40 °C
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDi
DIN ISO 2768-1m
DESCRIPTION
WE-PMMI Power Multilayer
Metal-Alloy Inductor
ORDER CODE
74479974133
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0805
001.000
Draft
2016-02-19
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74479974133

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74479974147 WURTH-74479974147 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479974156 WURTH-74479974156 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
More results

同様の説明 - 74479974133

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74479974156 WURTH-74479974156 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976124 WURTH-74479976124 Datasheet
284Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976210 WURTH-74479976210 Datasheet
247Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479977124 WURTH-74479977124 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479977156 WURTH-74479977156 Datasheet
246Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976215 WURTH-74479976215 Datasheet
247Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479974147 WURTH-74479974147 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479977182 WURTH-74479977182 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976147 WURTH-74479976147 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976147A WURTH-74479976147A Datasheet
247Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
74479976133 WURTH-74479976133 Datasheet
248Kb / 5P
   WE-PMMI Power Multilayer Metal-Alloy Inductor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com